Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285ATR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STLUX285ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285ATR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STLUX285ATR Datasheet HTML 28Page - STMicroelectronics STLUX285ATR Datasheet HTML 29Page - STMicroelectronics STLUX285ATR Datasheet HTML 30Page - STMicroelectronics STLUX285ATR Datasheet HTML 31Page - STMicroelectronics STLUX285ATR Datasheet HTML 32Page - STMicroelectronics STLUX285ATR Datasheet HTML 33Page - STMicroelectronics STLUX285ATR Datasheet HTML 34Page - STMicroelectronics STLUX285ATR Datasheet HTML 35Page - STMicroelectronics STLUX285ATR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 126 page
background image
Pinout and pin description
STLUX
32/126
DocID027870 Rev 1
6.2
Pin description
Table 4. Pin description
Pin number
Ty-
pe
Pin name
Main function
Alternate
function 1
Alternate
function 2
Alternate
function 3
TSSOP
38
VFQFPN
32
TSSOP
28
1
21
1
I/O
GPIO1[0]/PWM[0]
SMED PWM
channel 0
General
purpose I/O 10
--
222
2
I/O DIGIN[0]/CCO_clk
Digital input 0
Configurable
clock output
signal (CCO)
--
3
23
I
DIGIN[1]
Digital input 1
-
-
-
4
24
3
I/O
GPIO1[1]/PWM[1]
SMED PWM
channel 1
General
purpose I/O 11
--
5
25
4
I/O
GPIO1[2]/PWM[2]
SMED PWM
channel 2
General
purpose I/O 12
--
6
26(1)
5
I
DIGIN[2]
Digital input 2
-
-
-
7
I
DIGIN[3]
Digital input 3
-
-
-
8
-
-
I/O
GPIO1[5]/PWM[5]
SMED PWM
channel 5
General
purpose I/O 15
--
927
6
I/O
SWIM
SWIM data
interface
General
purposeI/O
06(2)
--
10
28
7
I/O
NRST
Reset
-
-
-
11
29
8
PS
VDD
Digital and I/O
power supply
--
-
12
30
9
PS
VSS
Digital and I/O
ground
--
-
13
31
10
PS
VOUT
1.8 V regulator
capacitor
--
-
14
32
11
I/O
GPIO0[4]/Dali_TX/
I2C_sda/Uart_TX
General purpose
I/O 04
DALI data
transmit
I2C data
UART
data
transmit
15
1
12
I/O
GPIO0[5]/Dali_RX/
I2C_scl/Uart_RX
General purpose
I/O 05
DALI data
receive
I2C clock
UART
data
receive
16
2
-
I/O
GPIO1[4]/PWM[4]
SMED PWM
channel 4
General
purpose I/O 14
--
17
3
13
I/O
DIGIN[4]/I2C_sda
Digital input 4
I2C data(3)
--
18
4
I/O
DIGIN[5]/I2C_scl
Digital input 5
I2C clock(3)
--
19
5
14
I/O
GPIO1[3]/PWM[3]
SMED PWM
channel 3
General
purpose I/O 13
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com