Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285ATR Datasheet(PDF) 101 Page - STMicroelectronics

Part # STLUX285ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285ATR Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STLUX285ATR Datasheet HTML 97Page - STMicroelectronics STLUX285ATR Datasheet HTML 98Page - STMicroelectronics STLUX285ATR Datasheet HTML 99Page - STMicroelectronics STLUX285ATR Datasheet HTML 100Page - STMicroelectronics STLUX285ATR Datasheet HTML 101Page - STMicroelectronics STLUX285ATR Datasheet HTML 102Page - STMicroelectronics STLUX285ATR Datasheet HTML 103Page - STMicroelectronics STLUX285ATR Datasheet HTML 104Page - STMicroelectronics STLUX285ATR Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 126 page
background image
DocID027870 Rev 1
101/126
STLUX
Electrical characteristics
126
12.3.6
I/O port pin characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified. Unused
input pins should not be left floating.
Table 83. Voltage DC characteristics
Symbol
Description
Min.(1)
1. Data based on characterization result, not tested in production.
Typ.
Max.(1)
Unit
VIL
Input low voltage
-0.3
0.3 * VDD
V
VIH
Input high voltage(2)
2. All signals are not 5 V tolerant (input signals can't be exceeded VDDX (VDDX = VDD, VDDA).
0.7 * VDD
VDD
VOL1
Output low voltage at 3.3 V(3), (4)
3. A high sink selectable by high speed configuration; the parameter applicable to signals: GPIO0 [5:0]
(product depending).
4. The parameter applicable to signals: GPIO1 [5:0]/PWM [5:0] (product depending).
0.4(5)
5. Electrical threshold voltage not yet characterized at -40 ºC.
VOL2
Output low voltage at 5 V(3), (4)
0.5
VOL3
Output low voltage high sink at 3.3 V / 5 V(2),(6), (7)
6. The parameter applicable to the signal: SWIM.
7. The parameter applicable to the signal: DIGIN [0]/CCO_clk.
0.6(5)
VOH1
Output high voltage at 3.3 V(3), (4)
VDD - 0.4(5)
VOH2
Output high voltage at 5 V(3), (4)
VDD - 0.5
VOH3
Output high voltage high sink at 3.3 V / 5 V(2), (6), (7) VDD - 0.6(5)
HVS
Hysteresis input voltage(8)
8. Applicable to any digital inputs.
0.1 * VDD
RPU
Pull-up resistor
30
45
60
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com