Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285ATR Datasheet(PDF) 109 Page - STMicroelectronics

Part # STLUX285ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285ATR Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STLUX285ATR Datasheet HTML 105Page - STMicroelectronics STLUX285ATR Datasheet HTML 106Page - STMicroelectronics STLUX285ATR Datasheet HTML 107Page - STMicroelectronics STLUX285ATR Datasheet HTML 108Page - STMicroelectronics STLUX285ATR Datasheet HTML 109Page - STMicroelectronics STLUX285ATR Datasheet HTML 110Page - STMicroelectronics STLUX285ATR Datasheet HTML 111Page - STMicroelectronics STLUX285ATR Datasheet HTML 112Page - STMicroelectronics STLUX285ATR Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 126 page
background image
DocID027870 Rev 1
109/126
STLUX
Electrical characteristics
126
12.3.8
Reset pin characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified.
12.3.9
I2C interface characteristics
Table 86. NRST pin characteristics
Symbol
Parameter
Conditions
Min.(1)
1. Data based on characterization results, not tested in production.
Typ.
Max.(1)
Unit
VIL(NRST) NRST input low level voltage(1)
-0.3
0.3 x VDD
V
VIH(NRST) NRST input high level voltage(1)
0.7 x VDD
VDD + 0.3
VOL(NRST) NRST output low level voltage(1)
IOL = 2 mA
0.5
RPU(NRST) NRST pull-up resistor(2)
2. The RPU pull-up equivalent resistor is based on a resistive transistor.
30
40
60
k
tIFP(NRST) NRST input filtered pulse(3)
3. Data guaranteed by design, not tested in production.
75
ns
tINFP(NRST) NRST not input filtered pulse(3)
500
tOP(NRST) NRST output filtered pulse(3)
15
µs
Table 87. I2C interface characteristics
Symbol
Parameter
Standard mode
Fast mode(1)
1. fMASTER, must be at least 8 MHz to achieve maximum fast I2C speed (400 kHz).
Unit
Min.(2)
2. Data based on standard I2C protocol requirement, not tested in production.
Max.(2) Min.(2) Max.(2)
tw(SCLL)
SCL clock low time
4.7
1.3
µs
tw(SCLH)
SCL clock high time
4.0
0.6
ns
tsu(SDA)
SDA setup time
250
100
th(SDA)
SDA data hold time
0(3)
3. The maximum hold time of the start condition has only to be met if the interface does not stretch the low
time.
0(3)
900(3)
tr(SDA) tr(SCL) SDA and SCL rise time (VDD = 3.3 to 5 V)(4)
4. I2C multifunction signals require the high sink pad configuration and the interconnection of 1 K
 pull-up
resistances.
1000
300
tf(SDA) tf(SCL) SDA and SCL fall time (VDD = 3.3 to 5 V)(4)
300
300
th(STA)
START condition hold time
4.0
0.6
µs
tsu(STA)
Repeated START condition setup time
4.7
0.6
tsu(STO)
STOP condition setup time
4.0
0.6
µs
tw(STO:STA) STOP to START condition time (bus free)
4.7
1.3
µs
Cb
Capacitive load for each bus line(5)
5. 50 pF is the maximum load capacitance value to meet the I2C std timing specifications.
50
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com