Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285ATR Datasheet(PDF) 117 Page - STMicroelectronics

Part # STLUX285ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285ATR Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STLUX285ATR Datasheet HTML 113Page - STMicroelectronics STLUX285ATR Datasheet HTML 114Page - STMicroelectronics STLUX285ATR Datasheet HTML 115Page - STMicroelectronics STLUX285ATR Datasheet HTML 116Page - STMicroelectronics STLUX285ATR Datasheet HTML 117Page - STMicroelectronics STLUX285ATR Datasheet HTML 118Page - STMicroelectronics STLUX285ATR Datasheet HTML 119Page - STMicroelectronics STLUX285ATR Datasheet HTML 120Page - STMicroelectronics STLUX285ATR Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 126 page
background image
DocID027870 Rev 1
117/126
STLUX
Thermal characteristics
126
13
Thermal characteristics
STLUX functionality cannot be guaranteed when the device operating exceeds the
maximum chip junction temperature (TJmax).
TJmax, in degrees Celsius, may be calculated using Equation 7:
Equation 7
TJmax = TAmax + PDmax x JA)
where:
TAmax is the maximum ambient temperature in °C
JA is the package junction to ambient thermal resistance in °C/W
PDmax is the sum of PINTmax and PI/Omax (PDmax = PINTmax + PI/Omax)
PINTmax is the product of IDD and VDD, expressed in watts. This is the maximum chip internal
power.
PI/Omax represents the maximum power dissipation on output pins where:
PI/Omax = (VOL * IOL) +  [(VDD - VOH) * IOH],
taking into account the actual VOL/IOL and VOH/IOH of the I/Os at low and high level.
Table 95. Package thermal characteristics
Symbol
Parameter
Value
Unit
JA
TSSOP38 - Thermal resistance junction to ambient(1)
1. Thermal resistance is based on the JEDEC JESD51-2 with the 4-layer PCB in a natural convection
environment.
80
°C/W
JA
VFQFPN32 - Thermal resistance junction to ambient(1)
26
°C/W
JA
TSSOP28 - Thermal resistance junction to ambient(1)
80
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com