Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS221TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # HTS221TR
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button HTS221TR Datasheet HTML 9Page - STMicroelectronics HTS221TR Datasheet HTML 10Page - STMicroelectronics HTS221TR Datasheet HTML 11Page - STMicroelectronics HTS221TR Datasheet HTML 12Page - STMicroelectronics HTS221TR Datasheet HTML 13Page - STMicroelectronics HTS221TR Datasheet HTML 14Page - STMicroelectronics HTS221TR Datasheet HTML 15Page - STMicroelectronics HTS221TR Datasheet HTML 16Page - STMicroelectronics HTS221TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DocID026333 Rev 4
13/33
HTS221
Application hints
33
4
Application hints
Figure 5. HTS221 electrical connections
The device is supplied through the VDD line. The power supply decoupling capacitor (100 nF
ceramic) should be placed as near as possible to the supply pad of the device (common
design practice).
The functionality of the device and the measured data outputs are selectable and accessible
through the I²C/SPI interfaces. To select the I²C interface, the CS line must be tied high (i.e.
connected to VDD) or left unconnected (thanks to the internal pull-up).
All the voltage and ground supplies must be present at the same time to have proper
behavior of the IC (refer to Figure 5).
4.1
Soldering information
The HLGA package is compliant with the ECOPACK® standard and it is qualified for
soldering heat resistance according to JEDEC J-STD-020. After soldering, the accuracy
specification of the sensor can be guaranteed after re-hydration of the sensor element in a
stabilized environment (25 °C / 55% rH) for 3 days or at 70% rH for 12 h. Otherwise the
sensor may read an offset that slowly disappears if exposed to ambient conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com