Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS221TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # HTS221TR
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button HTS221TR Datasheet HTML 13Page - STMicroelectronics HTS221TR Datasheet HTML 14Page - STMicroelectronics HTS221TR Datasheet HTML 15Page - STMicroelectronics HTS221TR Datasheet HTML 16Page - STMicroelectronics HTS221TR Datasheet HTML 17Page - STMicroelectronics HTS221TR Datasheet HTML 18Page - STMicroelectronics HTS221TR Datasheet HTML 19Page - STMicroelectronics HTS221TR Datasheet HTML 20Page - STMicroelectronics HTS221TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
DocID026333 Rev 4
17/33
HTS221
Digital interfaces
33
the current-source pull-up circuit for the SCLH signal. As other devices can delay the serial
transfer before tH by stretching the LOW period of the SCLH signal, the active master will
enable its current-source pull-up circuit when all devices have released the SCLH line and
the SCLH signal has reached a HIGH level, thus speeding up the last part of the rise time of
the SCLH signal. The active master then sends a repeated START condition (Sr) followed
by a 7-bit slave address (or 10-bit slave address; see previous section) with a R/W bit
address, and receives an acknowledge bit (A) from the selected slave.
After a repeated START condition and after each acknowledge bit (A) or not-acknowledge
bit (A), the active master disables its current-source pull-up circuit. This enables other
devices to delay the serial transfer by stretching the LOW period of the SCLH signal. The
active master re-enables its current-source pull-up circuit again when all devices have
released and the SCLH signal reaches a HIGH level, and so speeds up the last part of the
SCLH signal’s rise time. Data transfer continues in HS-mode after the next repeated START
(Sr), and only switches back to F/S-mode after a STOP condition (P). To reduce the
overhead of the master code, it’s possible that a master links a number of HS-mode
transfers, separated by repeated START conditions (Sr).
5.2
SPI bus interface (CS = LOW)
The HTS221 SPI is a slave bus that can operate in 0 and 3 SPI modes. The SPI allows
writing to and reading from the registers of the device. The serial interface interacts with the
application through 3 wires: CS, SPC, SDI/SDO.
CS is the serial port enable and is controlled by the SPI master. It goes low at the start of the
transmission and goes back high at the end. SCL is the serial port clock and it is controlled
by the SPI master. It is stopped high when CS is high (no transmission). SDI/SDO is the
serial port data input and output. This line is driven at the falling edge of SCL and should be
captured at the rising edge of SCL.
Both the read register and write register commands are completed in 16 clock pulses or in
multiples of 8 in case of multiple read/write bytes. Bit duration is the time between two falling
edges of SCL. The first bit (bit 0) starts at the first falling edge of SCL after the falling edge
of CS while the last bit (bit 15, bit 23,...) starts at the last falling edge of SCL just before the
rising edge of CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com