Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS221TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # HTS221TR
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button HTS221TR Datasheet HTML 16Page - STMicroelectronics HTS221TR Datasheet HTML 17Page - STMicroelectronics HTS221TR Datasheet HTML 18Page - STMicroelectronics HTS221TR Datasheet HTML 19Page - STMicroelectronics HTS221TR Datasheet HTML 20Page - STMicroelectronics HTS221TR Datasheet HTML 21Page - STMicroelectronics HTS221TR Datasheet HTML 22Page - STMicroelectronics HTS221TR Datasheet HTML 23Page - STMicroelectronics HTS221TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Register mapping
HTS221
20/33
DocID026333 Rev 4
6
Register mapping
The table below provides a list of the 8-bit registers embedded in the device and the related
addresses.
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
The content of the CALIB_0..F registers that are loaded at power-on from device internal
non-volatile memory should never be modified.
Table 15. Register address map
Name
Type
Register address (hex)
Default (hex)
Reserved
00-0E
Do not modify
WHO_AM_I
R
0F
BC
AV_CONF
R/W
10
1B
Reserved
11-1C
Do not modify
CTRL_REG1
R/W
20
0
CTRL_REG2
R/W
21
0
CTRL_REG3
R/W
22
0
Reserved
23-26
Do not modify
STATUS_REG
R
27
0
HUMIDITY_OUT_L
R
28
Output
HUMIDITY_OUT_H
R
29
Output
TEMP_OUT_L
R
2A
Output
TEMP_OUT_H
R
2B
Output
Reserved
2C-2F
Do not modify
CALIB_0..F
R/W
30-3F
Do not modify



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com