Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS221TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # HTS221TR
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button HTS221TR Datasheet HTML 18Page - STMicroelectronics HTS221TR Datasheet HTML 19Page - STMicroelectronics HTS221TR Datasheet HTML 20Page - STMicroelectronics HTS221TR Datasheet HTML 21Page - STMicroelectronics HTS221TR Datasheet HTML 22Page - STMicroelectronics HTS221TR Datasheet HTML 23Page - STMicroelectronics HTS221TR Datasheet HTML 24Page - STMicroelectronics HTS221TR Datasheet HTML 25Page - STMicroelectronics HTS221TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Register description
HTS221
22/33
DocID026333 Rev 4
7.3
CTRL_REG1 (20h)
Control register 1
The PD bit is used to turn on the device. The device is in power-down mode when PD = ‘0’
(default value after boot). The device is active when PD is set to ‘1’.
The BDU bit is used to inhibit the output register update between the reading of the upper
and lower register parts. In default mode (BDU = ‘0’), the lower and upper register parts are
updated continuously. If it is not certain whether the read will be faster than output data rate,
it is recommended to set the BDU bit to ‘1’. In this way, after the reading of the lower (upper)
register part, the content of that output register is not updated until the upper (lower) part is
read also.
This feature prevents the reading of LSB and MSB related to different samples.
The ODR1 and ODR0 bits permit changes to the output data rates of humidity and
temperature samples.The default value corresponds to a “one-shot” configuration for both
humidity and temperature output. ODR1 and ODR0 can be configured as described in
Table 17.
76543210
PD
Reserved
BDU
ODR1
ODR0
[7]
PD: power-down control
(0: power-down mode; 1: active mode)
[6:3]
Reserved
[2]
BDU: block data update
(0: continuous update; 1: output registers not updated until MSB and LSB reading)
[1:0]
ODR1, ODR0: output data rate selection (see table 17)
Table 17. Output data rate configuration
ODR1
ODR0
Humidity (Hz)
Temperature (Hz)
0
0
One-shot
0
1
1 Hz
1 Hz
1
0
7 Hz
7 Hz
1
1
12.5 Hz
12.5 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com