Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS221TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # HTS221TR
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button HTS221TR Datasheet HTML 17Page - STMicroelectronics HTS221TR Datasheet HTML 18Page - STMicroelectronics HTS221TR Datasheet HTML 19Page - STMicroelectronics HTS221TR Datasheet HTML 20Page - STMicroelectronics HTS221TR Datasheet HTML 21Page - STMicroelectronics HTS221TR Datasheet HTML 22Page - STMicroelectronics HTS221TR Datasheet HTML 23Page - STMicroelectronics HTS221TR Datasheet HTML 24Page - STMicroelectronics HTS221TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DocID026333 Rev 4
21/33
HTS221
Register description
33
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
humidity and temperature data. The register address, made up of 7 bits, is used to identify
and to read/write the data, through the serial interfaces.
7.1
WHO_AM_I (0Fh)
Device identification
This read-only register contains the device identifier, set to BCh
7.2
AV_CONF (10h)
Humidity and temperature resolution mode
To configure humidity/temperature average.
76543210
10111100
76543210
Reserved
AVGT2
AVGT1
AVGT0
AVGH2
AVGH1
AVGH0
[7:6]
Reserved
[5:3]
AVGT2-0: To select the numbers of averaged temperature samples (2 - 256), see Table 16.
[2:0]
AVGH2-0: To select the numbers of averaged humidity samples (4 - 512), see Table 16.
Table 16. Humidity and temperature average configuration
AVGx2:0
Nr. internal average
Noise (RMS)
IDD 1 Hz
Temperature (AVGT)
Humidity (AVGH)
Temp (°C)
rH %
μA
000
2
4
0.08
0.4
0.80
001
4
8
0.05
0.3
1.05
010
8
16
0.04
0.2
1.40
011(1)
1. Default configuration
16
32
0.03
0.15
2.10
100
32
64
0.02
0.1
3.43
101
64
128
0.015
0.07
6.15
110
128
256
0.01
0.05
11.60
111
256
512
0.007
0.03
22.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com