Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS221TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # HTS221TR
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button HTS221TR Datasheet HTML 21Page - STMicroelectronics HTS221TR Datasheet HTML 22Page - STMicroelectronics HTS221TR Datasheet HTML 23Page - STMicroelectronics HTS221TR Datasheet HTML 24Page - STMicroelectronics HTS221TR Datasheet HTML 25Page - STMicroelectronics HTS221TR Datasheet HTML 26Page - STMicroelectronics HTS221TR Datasheet HTML 27Page - STMicroelectronics HTS221TR Datasheet HTML 28Page - STMicroelectronics HTS221TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
DocID026333 Rev 4
25/33
HTS221
Register description
33
7.7
HUMIDITY_OUT_L (28h)
Relative humidity data (LSB)
Humidity data (see HUMIDITY_OUT_H)
7.8
HUMIDITY_OUT_H (29h)
Relative humidity data (MSB)
Humidity data are expressed as HUMIDITY_OUT_H & HUMIDITY_OUT_L in 2’s
complement. Values exceeding the operating humidity range (see Table 3) must be clipped
by SW.
7.9
TEMP_OUT_L (2Ah)
Temperature data (LSB)
7.10
TEMP_OUT_H (2Bh)
Temperature data (MSB)
Temperature data are expressed as TEMP_OUT_H & TEMP_OUT_L as 2’s complement
numbers.
The relative humidity and temperature values must be computed by linear interpolation of
current registers with calibration registers, according to Table 19 and scaling as described in
Section 8.
76543210
HOUT7
HOUT6
HOUT5
HOUT4
HOUT3
HOUT2
HOUT1
HOUT0
[7:0]
HOUT7 - HOUT0: Humidity data LSB
15
14
13
12
11
10
9
8
HOUT15
HOUT14
HOUT13
HOUT12
HOUT11
HOUT10
HOUT9
HOUT8
[7:0]
HOUT15 - HOUT8: Humidity data MSB
76543210
TOUT7
TOUT6
TOUT5
TOUT4
TOUT3
TOUT2
TOUT1
TOUT0
[7:0]
TOUT7 - TOUT0: Temperature data LSB (see TEMPERATURE_OUT_H)
15
14
13
12
11
10
9
8
TOUT15
TOUT14
TOUT13
TOUT12
TOUT11
TOUT10
TOUT9
TOUT8
[15:8]
TOUT15 - TOUT8: Temperature data MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com