Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3033CS Datasheet(PDF) 2 Page - International Rectifier

Part # IRU3033CS
Description  8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3033CS Datasheet(HTML) 2 Page - International Rectifier

  IRU3033CS Datasheet HTML 1Page - International Rectifier IRU3033CS Datasheet HTML 2Page - International Rectifier IRU3033CS Datasheet HTML 3Page - International Rectifier IRU3033CS Datasheet HTML 4Page - International Rectifier IRU3033CS Datasheet HTML 5Page - International Rectifier IRU3033CS Datasheet HTML 6Page - International Rectifier IRU3033CS Datasheet HTML 7Page - International Rectifier IRU3033CS Datasheet HTML 8Page - International Rectifier IRU3033CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRU3033
2
Rev. 1.7
07/17/02
www.irf.com
ABSOLUTE MAXIMUM RATINGS
V12,V12(SW) Supply Voltages .......................................
20V
Fb Pin Voltages ........................................................ -0.3V To 5V
Storage Temperature Range ......................................
-65°C To 150°C
Operating Junction Temperature ................................
0°C To 150°C
PACKAGE INFORMATION
8-PIN PLASTIC SOIC (S)
Linear Controller Section
Fb Voltage Initial Accuracy
Fb Voltage Total Variation
Fb Voltage Line Regulation
Fb Input Bias Current
Maximum Drive Current
V12 Supply Current
Switching Controller Section
Fb Voltage Initial Accuracy
Fb Voltage Total Variation
Fb Voltage Line Regulation
Fb Input Bias Current
Min On Time
Min Off Time
VHYST Pin Output-HI
VHYST Pin Output-LO
Supply Current
Maximum Duty Cycle
Minimum Duty Cycle
Gate Drive Rise/Fall Time
Unless otherwise specified, the following specification applies over V12=V12(SW)=12V and TA=0 to 70°C. Low duty
cycle pulse testing is used which keeps junction and case temperatures equal to the ambient temperature.
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
uJA =1608C/W
ELECTRICAL SPECIFICATIONS
Drv1
V12(SW)
VFB1
VHYST
Gnd
VFB2
Drv2
V12
4
3
2
1
5
6
7
8
TOP VIEW
VFB2
IFB2
IDRV(max)
I12
VFB1
IFB1
I12(SW)
DMAX
DMIN
VGATE
TJ=25
8C, Drv2=VFB2, CL=100mF
Drv2=VFB2, CL=100
mF
10<V12<14V, Drv2=VFB2, CL=100
mF
VFB2=1.25V
VFB2=1V, VFB1=1.5V
VFB2=1V, VFB1=1.5V, IDRV2=0
TJ=25
8C
VFB1=1.25V
VFB1 is sq wave with 300ns on
time and 2
ms off time
VFB1 is sq wave with 300ns off
time and 2
ms on time
ISOURCE=500
mA, VFB1=1.5V
ISINK=500
mA, VFB1=1V
VFB1=1V, VFB2=1.5V
VFB1=1V
VFB1=1.5V
Load=IRL3303
1.237
1.225
-1
1.237
1.225
-1
11
0
1.250
1.250
0.2
50
5
1.250
1.250
0.2
800
800
10
70
1.262
1.275
+1
1.262
1.275
+1
1
100
V
V
%
mA
mA
mA
V
V
%
mA
ns
ns
V
V
mA
%
%
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com