Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3033CS Datasheet(PDF) 6 Page - International Rectifier

Part # IRU3033CS
Description  8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3033CS Datasheet(HTML) 6 Page - International Rectifier

Back Button IRU3033CS Datasheet HTML 2Page - International Rectifier IRU3033CS Datasheet HTML 3Page - International Rectifier IRU3033CS Datasheet HTML 4Page - International Rectifier IRU3033CS Datasheet HTML 5Page - International Rectifier IRU3033CS Datasheet HTML 6Page - International Rectifier IRU3033CS Datasheet HTML 7Page - International Rectifier IRU3033CS Datasheet HTML 8Page - International Rectifier IRU3033CS Datasheet HTML 9Page - International Rectifier IRU3033CS Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IRU3033
6
Rev. 1.7
07/17/02
www.irf.com
Mode of Operation
Switching
Linear
TYPICAL APPLICATION
5V to 3.3V for Pentium Application with AGP or Pentium II Application without ATX power supply Dual
mode Operation between Switching or Linear mode.
Figure 4 - This unique application of IRU3033 allows the designer to switch between Linear or Switching mode of
operation using a single IC. This circuit has the flexibility to be used for low current operation in Linear mode for cost
reasons and yet be able to operate in the Switching mode if the load current increases and the heat generated by
the Linear operation will be an issue.
The table below describes the components that will be effected for the two modes of operation.
L1
V
S
L2
V
S
V = See parts list for value
S = Short
O = Open
D1
V
O
C4
V
O
C5
V
O
R1A
O
V
R1B
V
O
R2
V
O
R3
V
O
R4
V
V
R5
V
O
R6
V
V
R7
O
V
VOUT
5V
C1
L1
C3
Q2
C2
L2
R4
C7
R6
R7
D1
R2
C4
R5
R1A
R1B
12V
R3
C5
C8
R9
R10
R13
C9
Drv1
V12(SW) VFB1
VHYST
Gnd
VFB2
Drv2
V12
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com