Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3033CS Datasheet(PDF) 3 Page - International Rectifier

Part # IRU3033CS
Description  8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3033CS Datasheet(HTML) 3 Page - International Rectifier

  IRU3033CS Datasheet HTML 1Page - International Rectifier IRU3033CS Datasheet HTML 2Page - International Rectifier IRU3033CS Datasheet HTML 3Page - International Rectifier IRU3033CS Datasheet HTML 4Page - International Rectifier IRU3033CS Datasheet HTML 5Page - International Rectifier IRU3033CS Datasheet HTML 6Page - International Rectifier IRU3033CS Datasheet HTML 7Page - International Rectifier IRU3033CS Datasheet HTML 8Page - International Rectifier IRU3033CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRU3033
3
Rev. 1.7
07/17/02
www.irf.com
PIN DESCRIPTIONS
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the IRU3033.
The PWM output of the switching controller. This pin is a totem pole drive that is con-
nected to the gate of the power MOSFET. A resistor may be placed from this pin to the
gate in order to reduce switching noise.
This pin supplies the voltage to the PWM drive and hysteresis circuitry and it is connected
to the 12V supply. A 1
mF, high frequency capacitor must be connected from this pin to
ground to provide the peak current for charging and discharging of the MOSFET.
A resistor divider from this pin to the output of the switching regulator and ground sets the
Core supply voltage.
A resistor and a 10pF capacitor is connected from this pin to the VFB1 pin to set the output
ripple voltage for the switching regulator.
This pin is connected to the IC substrate and must be connected to the lowest potential in
the system.
The feedback pin of the linear regulator. A resistor divider from this pin to the output of the
linear regulator and ground sets the I/O supply voltage.
The drive pin of the linear regulator. This pin controls the base of a transistor or the gate
of a MOSFET acting as the series pass element for the linear regulator.
This pin provides the biasing for the chip and drive for the linear regulator controller. It is
connected to 12V supply. A 10
V resistor in series from this pin to the 12V supply and a
1
mF, high frequency capacitor connected from this pin to ground is required to filter the
switching noise of the switching regulator.
PIN #
PIN SYMBOL
PIN DESCRIPTION
1
2
3
4
5
6
7
8
Drv1
V12(SW)
VFB1
VHYST
Gnd
VFB2
Drv2
V12
VREF
UVLO
1.25V
PWM Control
V12(SW)
VHYST
VFB2
Drv 1
Gnd
VFB1
Drv2
5
1
2
4
3
6
7
V12
8
5V Reg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com