Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3033CS Datasheet(PDF) 4 Page - International Rectifier

Part # IRU3033CS
Description  8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3033CS Datasheet(HTML) 4 Page - International Rectifier

  IRU3033CS Datasheet HTML 1Page - International Rectifier IRU3033CS Datasheet HTML 2Page - International Rectifier IRU3033CS Datasheet HTML 3Page - International Rectifier IRU3033CS Datasheet HTML 4Page - International Rectifier IRU3033CS Datasheet HTML 5Page - International Rectifier IRU3033CS Datasheet HTML 6Page - International Rectifier IRU3033CS Datasheet HTML 7Page - International Rectifier IRU3033CS Datasheet HTML 8Page - International Rectifier IRU3033CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IRU3033
4
Rev. 1.7
07/17/02
www.irf.com
TYPICAL APPLICATION
Pentium Dual Supply Application
0 = Jumper block is installed.
1 = Jumper block is not installed.
JP1
1-2
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
JP1
3-4
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
JP1
5-6
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
JP1
7-8
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Output
Voltage
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
Figure 3 - Typical application of IRU3033 in a flexible motherboard with the 4-bit VID output voltage selection. This
circuit uses a single jumper that programs the output voltage in 16 steps with 0.1V steps from 2V to 3.5V, designed
for Intel P55
™ ,P54™ , AMD K5 & K6™ as well as Cyrix M1™ and M2™ applications. The Vcc2 Det pin automati-
cally shuts down the I/O regulator when a single plane processor is dropped in the socket.
5V
5V
12V
Q1
C1
C3
R6
R7
C6
R8
R3
C5
D2
R10
C8
R9
L1
Q2
C2
L2
R4
C7
1
D1
R2
C4
R5A
R5B
R5C
R5D
R5E
2
3
4
5
6
7
8
JP1
R1
CPU
I/O
Vcc2 Det
Core
R13
C9
R11
Drv1
V12(SW) VFB1 VHYST
Gnd
VFB2
Drv2
V12
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com