Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3033CS Datasheet(PDF) 9 Page - International Rectifier

Part # IRU3033CS
Description  8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3033CS Datasheet(HTML) 9 Page - International Rectifier

Back Button IRU3033CS Datasheet HTML 4Page - International Rectifier IRU3033CS Datasheet HTML 5Page - International Rectifier IRU3033CS Datasheet HTML 6Page - International Rectifier IRU3033CS Datasheet HTML 7Page - International Rectifier IRU3033CS Datasheet HTML 8Page - International Rectifier IRU3033CS Datasheet HTML 9Page - International Rectifier IRU3033CS Datasheet HTML 10Page - International Rectifier IRU3033CS Datasheet HTML 11Page - International Rectifier IRU3033CS Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IRU3033
9
Rev. 1.7
07/17/02
www.irf.com
APPLICATION INFORMATION
Introduction
The IRU3033 device is an application specific product
designed to provide an on board dual supply for the new
generation of microprocessors requiring separate Core
and I/O supplies. One of the processors fitting this re-
quirement is the new Intel P55C
™ multimedia micropro-
cessor. Intel specifies a Core voltage of 2.8V nominal
(
±100mV max) with maximum Core supply current of
6A while the I/O supply is set for 3.3V with a maximum
I/O current of 0.65A. However, in most applications the
I/O regulator also provides the voltage for other IC func-
tions such as the chip set, cache, etc. Typically a low
cost solution such as a Low Dropout (LDO) Linear Regu-
lator is selected to provide the I/O supply with the maxi-
mum designed current of 3A, keeping the power dissi-
pation and the heat sink to a reasonable size. The Core
supply regulator, however, if also selected to be a linear
regulator, will be dissipating a maximum of 12.6W [(5V-
2.8V)X5.7A] of power, which requires a substantial
amount of heat sinking and perhaps forced air cooling in
order to keep it operational. Some manufacturers sug-
gest using two regulators to current share and therefore
distribute the power dissipation equally between the regu-
lators. The problem is that, in order to equally current
share you need to sense both currents and force the
slave regulator to match the master regulator. This can
be done, but at the cost of the circuit complexity and
much higher system cost and the total power dissipa-
tion is still the same. In fact, if the task is to design a
flexible motherboard to accommodate the Cyrix 6X86L
or their future MMX processors, then the power dissipa-
tion could easily reach 20W or more. At this power dis-
sipation level the choice for a switching regulator ap-
proach becomes evident. However, the main reason that
designers have always shied away from the switching
regulators is their higher price tag and more complex
circuit design that is associated with this kind of tech-
nique.
The IRU3033 device is designed to take advantage of
the high efficiency of the switching regulator technique
for the Core supply while maintaining the low cost LDO
regulator for the I/O supply by offering both control func-
tions in a single 8-pin surface mount package. In fact,
as the typical application circuit shows, one can design
a complete flexible motherboard using the IRU3033 and
a few external components yielding a very low compo-
nent count switching regulator and with an addition of a
low cost pass transistor for the I/O supply provide a com-
plete dual supply power solution.
VOUT = (1 + R1/R2)
3 VREF
LDO Section
The output voltage of the LDO regulator is externally pro-
grammable via 2 external resistors from 1.25V to 5V.
The internal voltage reference of the LDO regulator is set
to 1.25V and the output of the regulator can be pro-
grammed using the following formula:
Where:
VREF = 1.25V Typical
R1 = Resistor connected from VOUT to the VFB2 pin of
IRU3033.
R2 = Resistor connected from VFB2 pin to Gnd.
The IRU3033 requires the use of an output capacitor as
part of the frequency compensation in order to be stable.
Typical designs for the microprocessor applications use
standard electrolytic capacitors with typical ESR in the
range of 50 to 100m
V and an output capacitance of 500
to 1000
mF. Fortunately as the capacitance increases,
the ESR decreases resulting in a fixed RC time con-
stant. The IRU3033 takes advantage of this phenomena
in making the overall regulator loop stable. For most ap-
plications a minimum of 100
mF aluminum electrolytic
capacitor such as Sanyo, MVGX series, Panasonic FA
series or Nichicon PL series insures both stability and
good transient response.
An external filtering is suggested as shown in the appli-
cation circuit that reduces the switching ripple that might
show in the output of the LDO regulator.
Switching Controller Operation
The operation of the switching controller is as follows:
After the power is applied, the output drive (Drv1) goes to
100% duty cycle and the current in the inductor charges
the output capacitor causing the output voltage to in-
crease. When output reaches a pre-programmed set
point the feedback pin (VFB1) exceeds 1.25V causing the
output drive to switch low and the VHYST pin to switch
high which jumps the feedback pin higher than 1.25V
resulting in a fixed output ripple which is given by the
following equation:
Where:
Rt = Top resistor of the output divider, resistor con-
nected from VOUT to the VFB1 pin of IRU3033.
RB = Bottom resistor of the divider, resistor connected
from VFB1 pin to VHYST pin.
DVo = (Rt/RB)311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com