Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3033CS Datasheet(PDF) 8 Page - International Rectifier

Part # IRU3033CS
Description  8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3033CS Datasheet(HTML) 8 Page - International Rectifier

Back Button IRU3033CS Datasheet HTML 4Page - International Rectifier IRU3033CS Datasheet HTML 5Page - International Rectifier IRU3033CS Datasheet HTML 6Page - International Rectifier IRU3033CS Datasheet HTML 7Page - International Rectifier IRU3033CS Datasheet HTML 8Page - International Rectifier IRU3033CS Datasheet HTML 9Page - International Rectifier IRU3033CS Datasheet HTML 10Page - International Rectifier IRU3033CS Datasheet HTML 11Page - International Rectifier IRU3033CS Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IRU3033
8
Rev. 1.7
07/17/02
www.irf.com
Figure 5 - The circuit in figure 4 is the application of the IRU3033 in a switching mode only. This circuit can be used
to generate a low cost 5V to 3.3V for either Pentium application with AGP socket or in Pentium II applications
where it is desirable to generate an accurate on board 3.3V supply.
TYPICAL APPLICATION
5V to 3.3V for Pentium application with AGP or Pentium II application
without ATX power supply switching mode operation.
Ref Desig
Description
Qty
Part #
Manuf
U1
LDO/Switcher IC
1
IRU3033CS (8-Pin SOIC)
IR
Q2
MOSFET
1
IRL3303 (TO-220)
IR
IRL3103S (TO-263) (Note 1)
D1
Schottky Diode
1
MBR1045CT (TO-220)
MBRB1545CT (TO-263) (Note 1)
Motorola
L2
Inductor
1
Core: T50-18, L=4
mH
Micro Metal
Turns: 10T, 18 AWG
(core)
L1
Inductor
1
L=2
mH
R1
Resistor
1
22
V, 5%, SMT 1206 size
R9
Resistor
1
10
V, 5%, SMT 0805 size
R2
Resistor
1
10
V, 5%, SMT 1206 size
R3
Resistor
1
249K
V, 1%, SMT 0805 size
R4
Resistor
1
1K
V, 1%, SMT 0805 size
R5
Resistor
1
576
V, 1%, SMT 0805 size
C1, 2
Capacitor
2
6MV1500GX, 1500
mF, 6.3V, Elect
Sanyo
C3
Capacitor
1
1
mF, Ceramic, SMT 0805 size
C4
Capacitor
1
470pF, Ceramic, SMT 0805 size
Sanyo
C5
Capacitor
1
10pF, Ceramic, SMT 0805 size
Sanyo
C7
Capacitor
1
6MV1500GX, 1500
mF, 6.3V, Elect
Sanyo
C8
Capacitor
1
1
mF, Ceramic, SMT 0805 size
HS1
Heat Sink
1
For MOSFET, 577002
Aavid
HS2
Heat Sink
1
For Schottky Diode, 577002
Aavid
Note 1: For the applications where it is desirable to eliminate the heat sink, the IRL3103S for Q2 and
MBR1545CT for D2 in TO-263 packages with minimum of 1" square copper pad can be used.
VOUT
5V
C1
L1
C3
Q2
C2
L2
R4
C7
D1
R2
C4
R5
R1
12V
R3
C5
C8
R9
Drv1
V12(SW) VFB1 VHYST
Gnd
VFB2
Drv2
V12
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com