Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-MS Datasheet(PDF) 16 Page - STMicroelectronics

Part # BLUENRG-MS
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MS Datasheet(HTML) 16 Page - STMicroelectronics

Back Button BLUENRG-MS Datasheet HTML 12Page - STMicroelectronics BLUENRG-MS Datasheet HTML 13Page - STMicroelectronics BLUENRG-MS Datasheet HTML 14Page - STMicroelectronics BLUENRG-MS Datasheet HTML 15Page - STMicroelectronics BLUENRG-MS Datasheet HTML 16Page - STMicroelectronics BLUENRG-MS Datasheet HTML 17Page - STMicroelectronics BLUENRG-MS Datasheet HTML 18Page - STMicroelectronics BLUENRG-MS Datasheet HTML 19Page - STMicroelectronics BLUENRG-MS Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Block diagram and descriptions
BlueNRG-MS
Name
Direction
Width
Description
SPI_IRQ
Out
1
Slave has data for master.
All the SPI pins have an internal pull-down except for the CSN that has a pull-up. All the
SPI pins, except the CSN, are in high impedance state during the low-power states. The
IRQ pin needs a pull-down external resistor.
The device embeds a battery level detector to monitor the supply voltage. The
characteristics of the battery level detector are defined in Table 19.
5.2
Power management
The BlueNRG-MS integrates both a low dropout voltage regulator (LDO) and a step-down
DC-DC converter, and one of them can be used to power the internal BlueNRG-MS
circuitry. However even when the LDO is used, the stringent maximum current
requirements, which are advisable when coin cell batteries are used, can be met and
further improvements can be obtained with the DC-DC converter at the sole additional cost
of an inductor and a capacitor.
The internal LDOs supplying both the 1.8 V digital blocks and 1.2 V digital blocks require
decoupling capacitors for stable operation. When the VBAT voltage is below 1.8 V, the
LDO 1.8 V output follows the VBAT value.
Figure 10 and Figure 11, show the simplified power management schemes using LDO and
DC-DC converter.
Figure 10: Power management strategy using LDO
16/42
DocID027103 Rev 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com