Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-MS Datasheet(PDF) 28 Page - STMicroelectronics

Part # BLUENRG-MS
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MS Datasheet(HTML) 28 Page - STMicroelectronics

Back Button BLUENRG-MS Datasheet HTML 24Page - STMicroelectronics BLUENRG-MS Datasheet HTML 25Page - STMicroelectronics BLUENRG-MS Datasheet HTML 26Page - STMicroelectronics BLUENRG-MS Datasheet HTML 27Page - STMicroelectronics BLUENRG-MS Datasheet HTML 28Page - STMicroelectronics BLUENRG-MS Datasheet HTML 29Page - STMicroelectronics BLUENRG-MS Datasheet HTML 30Page - STMicroelectronics BLUENRG-MS Datasheet HTML 31Page - STMicroelectronics BLUENRG-MS Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Electrical specification
BlueNRG-MS
10.2
RF general characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to T A= 25 °C, V BAT=3.0 V. All performance data are
referred to a 50 W antenna connector, via reference design, QFN32 package version.
Table 10: RF general characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FREQ
Frequency range
2400
2483.5
MHz
F CH
Channel spacing
2
MHz
RF ch
RF channel center
frequency
2402
2480
MHz
10.3
RF transmitter characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to TA = 25 °C, VBAT = 3.0 V. All performance data are
referred to a 50 W antenna connector, via reference design, QFN32 package version.
Table 11: RF Transmitter characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
MOD
Modulation scheme
GFSK
BT
Bandwidth-bit period
product
0.5
Mindex
Modulation index
0.45
0.5
0.55
DR
Air data rate
1
Mbps
STacc
Symbol time
accuracy
50
ppm
PMAX
Maximum output
power at antenna
connector
High power
+8
+10
dBm
Standard mode
+5
+7
dBm
PRFC
Minimum output
power
High power
-15
dB
Standard mode
-18
PRFC
RF power accuracy
±2
dB
PBW1M
6 dB bandwidth for
modulated carrier (1
Mbps)
Using resolution bandwidth of
100 kHz
500
kHz
PRF1
1st adjacent channel
transmit power 2
MHz
Using resolution bandwidth of
100 kHz and average
detector
-20
dBm
PRF2
2nd adjacent channel
transmit power >3
MHz
Using resolution bandwidth of
100 kHz and average
detector
-30
dBm
PSPUR
Spurious emission
Harmonics included. Using
resolution bandwidth of 1
MHz and average detector
-41
dBm
CFdev
Center frequency
deviation
During the packet and
including both initial
frequency offset and drift
±150
kHz
28/42
DocID027103 Rev 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com