Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-MS Datasheet(PDF) 23 Page - STMicroelectronics

Part # BLUENRG-MS
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MS Datasheet(HTML) 23 Page - STMicroelectronics

Back Button BLUENRG-MS Datasheet HTML 19Page - STMicroelectronics BLUENRG-MS Datasheet HTML 20Page - STMicroelectronics BLUENRG-MS Datasheet HTML 21Page - STMicroelectronics BLUENRG-MS Datasheet HTML 22Page - STMicroelectronics BLUENRG-MS Datasheet HTML 23Page - STMicroelectronics BLUENRG-MS Datasheet HTML 24Page - STMicroelectronics BLUENRG-MS Datasheet HTML 25Page - STMicroelectronics BLUENRG-MS Datasheet HTML 26Page - STMicroelectronics BLUENRG-MS Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
BlueNRG-MS
Absolute maximum ratings and thermal data
8
Absolute maximum ratings and thermal data
Absolute maximum ratings are those values above which damage to the device may occur.
Functional operation under these conditions is not implied. All voltages are referred to
GND.
Table 7: Absolute maximum ratings
Pin
Parameter
Value
Unit
5, 19, 24, 26, 28
DC-DC converter supply voltage
input and output
-0.3 to +3.9
V
12, 29
DC voltage on linear voltage
regulator
-0.3 to +3.9
V
1, 2, 3, 4, 6, 7, 8, 9, 10, 11, 25, 27,
30, 31, 32
DC voltage on digital input/output
pins
-0.3 to +3.9
V
13, 14, 15,16
DC voltage on analog pins
-0.3 to +3.9
V
17, 18, 22, 23
DC voltage on XTAL pins
-0.3 to +1.4
V
20, 21 (1)
DC voltage on RF pins
-0.3 to +1.4
V
TSTG
Storage temperature range
-40 to +125
°C
VESD-HBM
Electrostatic discharge voltage
±2.0
kV
Notes:
(1)+8 dBm input power at antenna connector in Standard mode, +11 dBm in High Power mode, with given
reference design.
Table 8: Thermal data
Symbol
Parameter
Value
Unit
Rthj-amb
Thermal resistance junction-ambient
34 (QFN32)
50 (WLCSP36)
°C/W
Rthj-c
Thermal resistance junction-case
2.5 (QFN32)
25 (WLCSP36)
°C/W
DocID027103 Rev 6
23/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com