Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-MS Datasheet(PDF) 39 Page - STMicroelectronics

Part # BLUENRG-MS
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MS Datasheet(HTML) 39 Page - STMicroelectronics

Back Button BLUENRG-MS Datasheet HTML 34Page - STMicroelectronics BLUENRG-MS Datasheet HTML 35Page - STMicroelectronics BLUENRG-MS Datasheet HTML 36Page - STMicroelectronics BLUENRG-MS Datasheet HTML 37Page - STMicroelectronics BLUENRG-MS Datasheet HTML 38Page - STMicroelectronics BLUENRG-MS Datasheet HTML 39Page - STMicroelectronics BLUENRG-MS Datasheet HTML 40Page - STMicroelectronics BLUENRG-MS Datasheet HTML 41Page - STMicroelectronics BLUENRG-MS Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
BlueNRG-MS
Package information
Table 21: WLCSP34 (2.66 x 2.56 x 0.5 pitch 0.4 mm) mechanical data
Dim.
mm.
Notes
Min.
Typ.
Max.
A
0.50
A1
0.20
b
0.27
(1)
D
2.50
2.56
2.58
(2)
D1
2.00
E
2.60
2.66
2.68
(3)
E1
2.00
e
0.40
f
0.28
g
0.33
ccc
0.05
Notes:
(1)The typical ball diameter before mounting is 0.25 mm.
(2)D = f + D1 + f.
(3)E = g + E1 + g.
DocID027103 Rev 6
39/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com