Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-MS Datasheet(PDF) 21 Page - STMicroelectronics

Part # BLUENRG-MS
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MS Datasheet(HTML) 21 Page - STMicroelectronics

Back Button BLUENRG-MS Datasheet HTML 17Page - STMicroelectronics BLUENRG-MS Datasheet HTML 18Page - STMicroelectronics BLUENRG-MS Datasheet HTML 19Page - STMicroelectronics BLUENRG-MS Datasheet HTML 20Page - STMicroelectronics BLUENRG-MS Datasheet HTML 21Page - STMicroelectronics BLUENRG-MS Datasheet HTML 22Page - STMicroelectronics BLUENRG-MS Datasheet HTML 23Page - STMicroelectronics BLUENRG-MS Datasheet HTML 24Page - STMicroelectronics BLUENRG-MS Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
BlueNRG-MS
Operating modes
Table 6: BlueNRG-MS transition times
Transition
Maximum time
Condition
Reset-active (1)
1.5 ms
32 kHz not available
7 ms
32 kHz RO
94 ms
32 kHz XO
Standby-active (1)
0.42 ms
32 kHz not available
6.2 ms
32 kHz RO
93 ms
32 kHz XO
Sleep-active (1)
0.42 ms
Active-RX
125 µs
Channel change
61 µs
No channel change
Active-TX
131 µs
Channel change
67 µs
No channel change
RX-TX or TX-RX
150 µs
Notes:
(1)These measurements are taken using NX3225SA-16.000 MHz-EXS00A-CS05997.
DocID027103 Rev 6
21/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com