Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-MS Datasheet(PDF) 25 Page - STMicroelectronics

Part # BLUENRG-MS
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MS Datasheet(HTML) 25 Page - STMicroelectronics

Back Button BLUENRG-MS Datasheet HTML 21Page - STMicroelectronics BLUENRG-MS Datasheet HTML 22Page - STMicroelectronics BLUENRG-MS Datasheet HTML 23Page - STMicroelectronics BLUENRG-MS Datasheet HTML 24Page - STMicroelectronics BLUENRG-MS Datasheet HTML 25Page - STMicroelectronics BLUENRG-MS Datasheet HTML 26Page - STMicroelectronics BLUENRG-MS Datasheet HTML 27Page - STMicroelectronics BLUENRG-MS Datasheet HTML 28Page - STMicroelectronics BLUENRG-MS Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
BlueNRG-MS
Electrical specification
10
Electrical specification
10.1
Electrical characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical value are referred to TA = 25 °C, VBAT = 3.0 V. All performance data are
referred to a 50 W antenna connector, via reference design, QFN32 package version.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Power consumption when DC-DC converter active
IBAT
Supply current
Reset
5
nA
Standby
RAM2 OFF
1.3
µA
RAM2 ON
2
Sleep
32 kHz XO
ON (RAM2
OFF)
1.7
µA
32 kHz XO
ON (RAM2
ON)
2.4
32 kHz RO
ON (RAM2
OFF)
2.8
32 kHz RO
ON (RAM2
ON)
3.5
Active
CPU, Flash
and RAM off
2
mA
CPU, Flash
and RAM on
3.3
RX
High Power
mode
7.7
mA
Standard
mode
7.3
TX
Standard
mode
+5 dBm
11
mA
0 dBm
8.2
-2 dBm
7.2
-6 dBm
6.7
-9 dBm
6.3
-12
dBm
6.1
-15
dBm
5.9
-18
dBm
5.8
TX
High Power
+8 dBm
15.1
mA
DocID027103 Rev 6
25/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com