Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7186F Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLE7186F
Description  System IC for B6 motor drives
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7186F Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLE7186F Datasheet HTML 31Page - Infineon Technologies AG TLE7186F Datasheet HTML 32Page - Infineon Technologies AG TLE7186F Datasheet HTML 33Page - Infineon Technologies AG TLE7186F Datasheet HTML 34Page - Infineon Technologies AG TLE7186F Datasheet HTML 35Page - Infineon Technologies AG TLE7186F Datasheet HTML 36Page - Infineon Technologies AG TLE7186F Datasheet HTML 37Page - Infineon Technologies AG TLE7186F Datasheet HTML 38Page - Infineon Technologies AG TLE7186F Datasheet HTML 39Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
TLE7186F
Phase voltage feedback
Data Sheet
35
Rev. 1.2, 2016-01-28
10
Phase voltage feedback
The TLE7186F incorporates a fast conversion of the phase voltages into logic signals. The threshold values are proportional
to VDH. The outputs are 5V push pull stages. When they are not used they can be left open.
Figure 14
Block diagram phase voltage feedback
10.1
Electrical Characteristics
Electrical Characteristics - Phase Voltage Feedback
V
S = 7 to 20V, T
j = -40 °C to +150 °C, FPWM < 25kHz, CLOAD<25pF, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
10.1.1
Low level threshold
V
ILfb
44.7
48.75
52.8
% of
VDH
VDH>7V
V
SHX decreasing
1)
1) Not subjected to production test; specified by design
10.1.2
High level threshold
V
IHfb
46.8
51.0
55.2
% of
VDH
VDH>7V
V
SHX decreasing
1)
10.1.3
Threshold difference
d
VIxfb
–2.25
–
% of
VDH
VDH>7V
V
SHX decreasing
10.1.4
High level output voltage of x_fb
V
OHfb
4.0
–
5.2
V
I= -40uA
10.1.5
Low level output voltage of x_fb
V
OLfb
-0.1
–
0.2
V
I= 40uA
10.1.6
Propagation delay time incl. rise or fall
time
t
PDfb
–
–
250
ns
C
LOAD<25pF
10.1.7
Matching of propagation delay time
t
dPDfb
–
–
100
ns
SHx
5V
VDH
+
-
X_fb
Voltage feed back 3x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com