Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7186F Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # TLE7186F
Description  System IC for B6 motor drives
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7186F Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button TLE7186F Datasheet HTML 31Page - Infineon Technologies AG TLE7186F Datasheet HTML 32Page - Infineon Technologies AG TLE7186F Datasheet HTML 33Page - Infineon Technologies AG TLE7186F Datasheet HTML 34Page - Infineon Technologies AG TLE7186F Datasheet HTML 35Page - Infineon Technologies AG TLE7186F Datasheet HTML 36Page - Infineon Technologies AG TLE7186F Datasheet HTML 37Page - Infineon Technologies AG TLE7186F Datasheet HTML 38Page - Infineon Technologies AG TLE7186F Datasheet HTML 39Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
Data Sheet
38
Rev. 1.2, 2016-01-28
TLE7186F
Revision History
13
Revision History
Revision
Date
Changes
Rev. 1.2
2016-01-28
- package adjustments
Rev. 1.1
2011-04-08
- Voltage difference between ISP and ISN specified
- Minimum buffer capacitor CVREG specified
- Description of SH currents added
- Fig. 4 new
- Pull up and pull down resistors at IHx and ILx expanded
- Rise and fall times specified
- Propagation time tolerance reduced
- Limit the lower load current of VDD to 2mA
- Fig. 5 updated
- Steady state differential input voltage range across VIN removed
- Common mode suppression, footnote added
- IFMA low time to guarantee wake-up added
- Matching of IFMA pull up / pull down resistors replaced by
IFMA input current / VS
- Pull up resistor at IFuC output expanded
- Pull up resistor at INHD expanded
- High level input voltage INH (for INHD=high) adapted
- Dead time description improved
- Short circuit detection accuracy improved
- SCDL open pin detection level hysteresis, footnote added
- Rise time ERR adapted
- Pull down resistor at ERR output expanded
- INH high time to guarantee wake-up added
- Analog temperature output tolerance at 25°C improved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com