Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7186F Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7186F
Description  System IC for B6 motor drives
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7186F Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7186F Datasheet HTML 5Page - Infineon Technologies AG TLE7186F Datasheet HTML 6Page - Infineon Technologies AG TLE7186F Datasheet HTML 7Page - Infineon Technologies AG TLE7186F Datasheet HTML 8Page - Infineon Technologies AG TLE7186F Datasheet HTML 9Page - Infineon Technologies AG TLE7186F Datasheet HTML 10Page - Infineon Technologies AG TLE7186F Datasheet HTML 11Page - Infineon Technologies AG TLE7186F Datasheet HTML 12Page - Infineon Technologies AG TLE7186F Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
TLE7186F
General Product Characteristics
Data Sheet
9
Rev. 1.2, 2016-01-28
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin (unless otherwise
specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Voltage range at VS, IFMA, INH, IOV
V
VS1
-0.3
45
V
–
4.1.2
Voltage range at IFMA, INH
V
IFMA
-6.0
45
V
R >= 10kΩ
4.1.3
Voltage range at VS
V
VS2
-3.0
45
V
R
VS >= 4.7Ω;
60s, 5x;
4.1.4
Voltage range at VS
V
VS3
-3.0
45
V
R
VS >= 2.0Ω;;
200ms, 5x;
4.1.5
Voltage range at VREG output
V
VREG
-0.3
15
V
4.1.6
Voltage range at VDH, VDHS
V
VDHx
-0.3
55
V
–
4.1.7
Voltage range at VDH
V
VDH1
-3.0
55
V
With
R
VDH
>=10
Ω; 60s, 5x;
T
j<=150°C
4.1.8
Voltage range at IHx, ILx, RGS, ERR,
IFuC, TEMP, DT, VDD, ISO, INHD,
SCDL, U_fb, V_fb, W_fb
V
DP
-0.3
6
V
–
4.1.9
Voltage range at ISP, ISN
V
OPI
-5.0
5.0
V
–
4.1.10
Voltage difference between ISP and ISN
V
OPD
-5.0
5.0
V
4.1.11
Voltage range at BHx
V
BH
-0.3
55
V
–
4.1.12
Voltage range at GHx
V
GH
-0.3
55
V
–
4.1.13
Voltage range at GHx
V
GHP
-7.0
55
V
t
P < 1µs; f=50kHz
4.1.14
Voltage range at SHx
V
SH
-2.0
45
V
–
4.1.15
Voltage range at SHx
V
SHP
-7.0
45
V
t
P < 1µs; f=50kHz
4.1.16
Voltage range at GLx
V
GL
-0.3
18
V
–
4.1.17
Voltage range at GLx
V
GLP
-7.0
18
V
t
P < 0.5µs;
f=50kHz
4.1.18
Voltage range at SL
V
SL
-0.3
5.0
V
–
4.1.19
Voltage range at SL
V
SLP
-7.0
5.0
V
t
P < 0.5µs;
f=50kHz
4.1.20
Voltage difference Gxx-Sxx
V
GS
-0.3
15
V
–
4.1.21
Voltage difference BHx-SHx
V
BS
-0.3
15
V
–
4.1.22
Minimum bootstrap capacitor CBS
C
BS
330
–
nF
-10% tolerance
allowed
4.1.23
Minimum buffer capacitor CVREG
C
VREG
1–
µF
4.1.24
Maximum load capacitance for voltage
feedback output X_FB
C
X_FB
–25
pF
–
Temperatures
4.1.25
Junction temperature
T
j
-40
150
°C–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com