Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7186F Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE7186F
Description  System IC for B6 motor drives
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7186F Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE7186F Datasheet HTML 14Page - Infineon Technologies AG TLE7186F Datasheet HTML 15Page - Infineon Technologies AG TLE7186F Datasheet HTML 16Page - Infineon Technologies AG TLE7186F Datasheet HTML 17Page - Infineon Technologies AG TLE7186F Datasheet HTML 18Page - Infineon Technologies AG TLE7186F Datasheet HTML 19Page - Infineon Technologies AG TLE7186F Datasheet HTML 20Page - Infineon Technologies AG TLE7186F Datasheet HTML 21Page - Infineon Technologies AG TLE7186F Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Data Sheet
18
Rev. 1.2, 2016-01-28
TLE7186F
5 V Low Drop Voltage Regulator
7
5 V Low Drop Voltage Regulator
The TLE7186F incorporates a 5V LDO for µC supply. The voltage regulator is protected against Over Temperature
by the central temperature sensor (see Chapter 9.2.1 and Chapter 9.2.2). It has an integrated current limitation
and Under Voltage detection.
Parameters for Under Voltage detection see Chapter 9.2.5.
Figure 6
Block diagram of 5V LDO
7.1
Electrical Characteristics
Electrical Characteristics - Current sense signal conditioning
V
S = 6.0 to 45 V, Tj = -40 °C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
7.1.1
Output voltage
V
DD1
4.85
–
5.25
V
2mA
<=I
load<=70mA;
C
load= 1...22uF
1)
1) ceramic C with 100nF with ESR<0.1
Ω in parallel
7.1.2
Output voltage
V
DD2
4.90
–
5.20
V
5mA <=
I
load<=25mA;
C
load= 1...22uF
1)
7.1.3
LDO over current limitation
I
OCL
130
–
270
mA
no activation of error
by current limitation
7.1.4
Load regulation
D
VDD
–50
100
mV
l
oad step 0...20mA;
C
VDD=1uF
7.1.5
Power supply ripple rejection2)
P
SRR
50
–
–
dB
100Hz sine wave;
0.5Vpp
V
VS>=7V
7.1.6
Power supply ripple rejection2)
P
SRR
–
31
–
dB
100Hz sine wave;
0.5Vpp
6V<=
V
VS<7V
5V LDO
VDD
Error logic and
Wake-up logic
temperature
sensor
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com