Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7186F Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7186F
Description  System IC for B6 motor drives
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7186F Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7186F Datasheet HTML 3Page - Infineon Technologies AG TLE7186F Datasheet HTML 4Page - Infineon Technologies AG TLE7186F Datasheet HTML 5Page - Infineon Technologies AG TLE7186F Datasheet HTML 6Page - Infineon Technologies AG TLE7186F Datasheet HTML 7Page - Infineon Technologies AG TLE7186F Datasheet HTML 8Page - Infineon Technologies AG TLE7186F Datasheet HTML 9Page - Infineon Technologies AG TLE7186F Datasheet HTML 10Page - Infineon Technologies AG TLE7186F Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TLE7186F
Pin Configuration
Data Sheet
7
Rev. 1.2, 2016-01-28
3.2
Pin Definitions and Functions
Pin
Symbol
Function
5
VS
Supply Pin
7
VREG
Output of supply for driver output stages - connect to capacitor
31
VDD
Output of 5V supply for µC - connect to capacitor
2INH
Input pin wake up the complete system IC
47
INHD
Digital output 5V for INH state (high when INH is high)
4
VDHS
Switched output of VDH voltage; switch open in sleep mode
33
TEMP
Output pin for analog temperature signal
36
RGS
Reset and Go-to-Sleep input pin for reset of error registers, set HIGH to avoid to go-
to-sleep
38
IL1
Input for low side switch 1 (active high)
37
IH1
Input for high side switch 1 (active low)
40
IL2
Input for low side switch 2 (active high)
39
IH2
Input for high side switch 2 (active low)
42
IL3
Input for low side switch 3(active high)
41
IH3
Input for high side switch 3(active low)
11
DT
Input pin for adjustable dead time function, connect to GND via resistor
9
SCDL
Analog input pin for adjustable Short Circuit Detection function, connect to voltage
divider
28
IOV
Input pin for Over Voltage detection.
34
ERR
Open drain error output
25
VDH
Voltage input common drain high side for short circuit detection
24
BH1
Pin for + terminal of the bootstrap capacitor of phase 1
23
GH1
Output pin for gate of high side MOSFET 1
22
SH1
Pin for source connection of high side MOSFET 1
21
GL1
Output pin for gate of low side MOSFET 1
20
BH2
Pin for + terminal of the bootstrap capacitor of phase 2
19
GH2
Output pin for gate of high side MOSFET 2
18
SH2
Pin for source connection of high side MOSFET 2
17
GL2
Output pin for gate of low side MOSFET 2
16
BH3
Pin for + terminal of the bootstrap capacitor of phase 3
15
GH3
Output pin for gate of high side MOSFET 3
14
SH3
Pin for source connection of high side MOSFET 3
13
GL3
Output pin for gate of low side MOSFET 3
10
SL
Pin for common source connection of low side MOSFETs
44
ISN
Input for OpAmp - terminal
45
ISP
Input for OpAmp + terminal
46
ISO
Output of OpAmp
43
AGND
Analog GND for Opamp and analog temperature output
3
IFMA
Interface to master ECU (used for wake up)
48
IFuC
Interface to µC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com