Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7186F Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE7186F
Description  System IC for B6 motor drives
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7186F Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE7186F Datasheet HTML 19Page - Infineon Technologies AG TLE7186F Datasheet HTML 20Page - Infineon Technologies AG TLE7186F Datasheet HTML 21Page - Infineon Technologies AG TLE7186F Datasheet HTML 22Page - Infineon Technologies AG TLE7186F Datasheet HTML 23Page - Infineon Technologies AG TLE7186F Datasheet HTML 24Page - Infineon Technologies AG TLE7186F Datasheet HTML 25Page - Infineon Technologies AG TLE7186F Datasheet HTML 26Page - Infineon Technologies AG TLE7186F Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
TLE7186F
Interface, VDH Switch and INH Digital Output
Data Sheet
23
Rev. 1.2, 2016-01-28
8.4.14
Deviation between rising and falling
IFµC
t
PD
–
–4µs
C
load=100pF
VDH switch
8.4.15
Ron VDH switch
R
VDH
––
150
Ω
Load current = 1mA
INHD digital output
8.4.16
Low level input voltage INH
(for INHD=low)
V
INHDL
––
1.5
V
–
8.4.17
High level input voltage INH
(for INHD=high)
V
INHDH
2.2
––V
–
8.4.18
Input hysteresis of INH for INHD1)
d
VINHD
100
––mV
–
8.4.19
INHD low level output voltage
V
INHD
–
–
0.5
V
no external load
8.4.20
INHD Internal pull-up resistor to
V
DD
R
INHD
42.5
–
115
k
Ω
–
1) Not subject to production test; specified by design
Electrical Characteristics - Protection and diagnostic functions
(cont’d)
V
S = 6.0 to 20V, Tj = -40 °C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com