Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9901 Datasheet(PDF) 4 Page - Microchip Technology

Part # HV9901
Description  Universal Relay Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9901 Datasheet(HTML) 4 Page - Microchip Technology

  HV9901 Datasheet HTML 1Page - Microchip Technology HV9901 Datasheet HTML 2Page - Microchip Technology HV9901 Datasheet HTML 3Page - Microchip Technology HV9901 Datasheet HTML 4Page - Microchip Technology HV9901 Datasheet HTML 5Page - Microchip Technology HV9901 Datasheet HTML 6Page - Microchip Technology HV9901 Datasheet HTML 7Page - Microchip Technology HV9901 Datasheet HTML 8Page - Microchip Technology HV9901 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HV9901
DS20005550A-page 4
 2016 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Input Voltage, VIN1 ....................................................................................................................................–0.5V to 470V
Input Voltage to any other Pin1........................................................................................................ –0.3V to VDD + 0.3V
Operating Junction Temperature Range ................................................................................................ –40°C to +85°C
Continuous Power Dissipation (TA = +25°C)2 .................................................................................................... 750 mW
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only, and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
Note 1: All voltages are referenced to GND.
2: For operation above 25°C ambient, derate linearly at 7.5 mW/°C.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA= 25°C unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
HIGH-VOLTAGE REGULATOR
Input Voltage
VIN
10
—
450
V
ICC = 0 mA to 1 mA load
Supply Current
IIN
—
—
2
mA
No load at VDD (Note 1)
load at ICC = 1 mA,
CGT = 500 pF, fOSC = 25 kHz
Internal Supply Voltage
VDD
8.5
9
9.5
V
No load at VDD (Note 1) 
CGT = 500 pF, fOSC = 25 kHz
VDD UVLO, On
UVLO(ON)
7.8
8.2
8.5
V
VDD UVLO, Hysteresis
UVLO(HYST)
—
0.5
—
V
ADJUSTABLE REGULATOR
Regulator Output Voltage
Range
VCC
2
—
5.5
V
ICC = 1 mA load
Regulator Output Current
ICC
0
—
1
mA
No load at VDD (Note 1)
Feedback Voltage
VFB
0
VREF
VDD–1V
V
Input Bias Current
IFB
—
25
100
nA
VFB = VREF
REFERENCE
Bandgap Reference Voltage
VREF
1.2
1.25
1.3
V
TA = –40°C to +85°C
Load Regulation
—
—
7
mV
0 mA < IREF < 0.3 mA
Line Regulation
—
10
15
mV
8.5V < VDD < 9.5V
Short Circuit Current
IREF(SHORT)
—
—
1
mA
Reference Voltage Sink
Current
IREF(SINK)
—
—
20
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com