Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9901 Datasheet(PDF) 2 Page - Microchip Technology

Part # HV9901
Description  Universal Relay Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9901 Datasheet(HTML) 2 Page - Microchip Technology

  HV9901 Datasheet HTML 1Page - Microchip Technology HV9901 Datasheet HTML 2Page - Microchip Technology HV9901 Datasheet HTML 3Page - Microchip Technology HV9901 Datasheet HTML 4Page - Microchip Technology HV9901 Datasheet HTML 5Page - Microchip Technology HV9901 Datasheet HTML 6Page - Microchip Technology HV9901 Datasheet HTML 7Page - Microchip Technology HV9901 Datasheet HTML 8Page - Microchip Technology HV9901 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
HV9901
DS20005550A-page 2
 2016 Microchip Technology Inc.
Functional Block Diagram
VIN
A
UVLO
C
VREF
VDD
100 nF
4.7μF
R
S
R
CS
GT
VN2460N8
LED
10K
1.25V
COM
Q
VDD
Oscillator
shutdown
SYNC
R
OSC
RT
ENI
ENO
POL
VCC
µP
100 nF
5.0V
R
FBA
R
FBB
FB
HOLD/DELAY
R
HDB
R
HDA
5
6
7
8
9
10
11
12
13
14
15
16
C
HD
C
High Limit
Low Limit
VDD
215ns
Delay
Delay
R
2R
1.25V
VDD
High Duty
Cycle
Oscillator
1
VDD
40μA
5.5 kΩ
Bandgap
Reference
+
-
-
+
-
+
-
+
R
S
4
C
HD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com