Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9901 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV9901
Description  Universal Relay Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9901 Datasheet(HTML) 5 Page - Microchip Technology

  HV9901 Datasheet HTML 1Page - Microchip Technology HV9901 Datasheet HTML 2Page - Microchip Technology HV9901 Datasheet HTML 3Page - Microchip Technology HV9901 Datasheet HTML 4Page - Microchip Technology HV9901 Datasheet HTML 5Page - Microchip Technology HV9901 Datasheet HTML 6Page - Microchip Technology HV9901 Datasheet HTML 7Page - Microchip Technology HV9901 Datasheet HTML 8Page - Microchip Technology HV9901 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005550A-page 5
HV9901
Note 1: Maximum allowable load current limited by power dissipation and operating ambient temperature
OSCILLATOR
PWM Oscillator Frequency
fOSC
20
25
35
kHz
RT = 1 MΩ
80
100
140
kHz
RT = 226 kΩ
Temperature Coefficient
—
—
170
—
ppm/°C TA = –40°C to +85°C
Oscillator SYNC Frequency
fSYNC
—
—
150
kHz
SYNC Sourcing Current
ISYNC
20
—
55
μA
SYNC Sinking Current
ISYNC
1
—
—
mA
VSYNC = 0.1V
SYNC Input Logic Low
Voltage
VSYNC
—
—
1
V
PWM
Maximum Duty Cycle
DMAX
96.5
—
99.5
%
RT = 1 MΩ
86.5
—
97.5
%
RT = 226 kΩ
Blanking Time
tBLNK
150
215
280
ns
MOSFET DRIVER
Gate Drive Output High
VGTH
VDD–0.3
—
—
V
IOUT = 10 mA
Gate Drive Output Low
VGTL
—
—
0.3
V
IOUT = –10 mA
Rise Time
tR
—
30
50
ns
CGT = 500 pF
Fall Time
tF
—
30
50
ns
CURRENT SENSE
Current Sense Voltage,
High Limit
VCS(HL)
0.775
0.833
0.891
V
Current Limit Delay to GT,
High Limit
tDELAY(HL)
—
200
250
ns
50 mV overdrive
Input Bias Current
ICS
—
25
1000
nA
POL = Low, ENI = Low
Low Limit Comparator Input
Offset Voltage
VOS
—
—
±60
mV
Current Limit Delay to GT,
Low Limit
tDELAY(LL)
—
200
250
ns
50 mV overdrive
Hold/Delay Output Voltage
VHOLD/DEL
VDD–0.4
—
—
V
IHOLD/DEL(sourcing)–100 μA
POL = Low, ENI = Low
Hold/Delay Input Bias Cur-
rent
IHOLD/DEL
—
25
500
nA
POL = Low, ENI = Low
Shutdown Delay
tENI
—
50
100
ns
2V < VCC < 5.5V
Enable Input Voltage - High
VENI
0.7 VCC
—
VCC
V
Enable Input Voltage - Low
0
—
0.3 VCC
V
Enable Input Current - High
IENI
—
1
5
μA
Enable Input Current - Low
–5
–1
—
μA
Polarity Voltage - High
VPOL
0.7 VCC
—
VCC
V
Polarity Voltage - Low
0
—
0.3VCC
V
Polarity Current - High
IPOL
—
1
5
μA
Polarity Current - Low
–5
–1
—
μA
Enable Output Voltage -
High
VENO
0.9 VCC
—
VCC
V
Enable Output Voltage -
Low
0
—
0.1 VCC
V
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: TA= 25°C unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com