Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9901 Datasheet(PDF) 7 Page - Microchip Technology

Part # HV9901
Description  Universal Relay Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9901 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HV9901 Datasheet HTML 3Page - Microchip Technology HV9901 Datasheet HTML 4Page - Microchip Technology HV9901 Datasheet HTML 5Page - Microchip Technology HV9901 Datasheet HTML 6Page - Microchip Technology HV9901 Datasheet HTML 7Page - Microchip Technology HV9901 Datasheet HTML 8Page - Microchip Technology HV9901 Datasheet HTML 9Page - Microchip Technology HV9901 Datasheet HTML 10Page - Microchip Technology HV9901 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005550A-page 7
HV9901
2.0
PIN DESCRIPTION
The pin details of HV9901 are listed on Table 2-1. See
Package Type for the location of the pins.
TABLE 2-1:
PIN TABLE
Pin Number
Pin Name
Description
1
VIN
Input supply
2
—
Pin not present
3
—
Pin not present
4
GT
Gate driver output for driving the external switching MOSFET
5
CS
Current sense input
6
GND
Ground
7
SYNC
Open-drain input/output for synchronizing the internal PWM oscil-
lator to other HV9901s or to an external clock
8
RT
A resistor from this pin to ground sets the PWM switching fre-
quency.
9
POL
Input that determines the polarity of the ENI input.
See Truth Table.
10
ENO
Enable output. It is the logical inversion of the ENI signal.
11
ENI
Enable input. Whether ENI is active low or active high is deter-
mined by the POL input.
12
VCC
Output of the auxiliary regulator. Output voltage is determined by
the resistive divider connected to the FB pin.
13
FB
Feedback input for the auxiliary regulator.
14
H/D
HOLD/DELAY input. An RC network connected to this pin controls
the pull-in time and the holding current. See equations on page 4.
15
VREF
Reference voltage. Bypass locally with a 10 nF capacitor.
16
VDD
Output of the internal supply regulator. Bypass locally with a 10 nF
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com