Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9901 Datasheet(PDF) 8 Page - Microchip Technology

Part # HV9901
Description  Universal Relay Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9901 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HV9901 Datasheet HTML 4Page - Microchip Technology HV9901 Datasheet HTML 5Page - Microchip Technology HV9901 Datasheet HTML 6Page - Microchip Technology HV9901 Datasheet HTML 7Page - Microchip Technology HV9901 Datasheet HTML 8Page - Microchip Technology HV9901 Datasheet HTML 9Page - Microchip Technology HV9901 Datasheet HTML 10Page - Microchip Technology HV9901 Datasheet HTML 11Page - Microchip Technology HV9901 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HV9901
DS20005550A-page 8
 2016 Microchip Technology Inc.
3.0
APPLICATION INFORMATION
To calculate external component values, use the equa-
tions shown in Equation 3-1 to Equation 3-8 as well as
Figure 3-1 and Figure 3-2.
EQUATION 3-1:
ICS HI

833mVNOM
=
EQUATION 3-2:
VDD
9VNOM
=
EQUATION 3-3:
IPULL IN
–
VCS
RSENSE
-------------------
=
EQUATION 3-4:
VCS LL

VDD
1
RHDA
RHDB
---------------
+
------------------------
=
EQUATION 3-5:
IHOLD
VCS LL

RSENSE
--------------------
=
EQUATION 3-6:
fPWM 3.23kHz
21.8GHz
ROSC
---------------------------------
+
valid for fPWM > 23 kHz
EQUATION 3-7:
VCC
1.25V
1
RFBA
RFBB
--------------
+


=
EQUATION 3-8:
tPULL IN
–
RHDA RHDB
+
 C
HD
1
VCS HI

VDD
–
VCS LL

VDD
–
-------------------------------------
–


ln
=
I
PULL-IN
t
PULL-IN
I
HOLD
Time
FIGURE 3-1:
Current vs. Time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com