Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9901 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV9901
Description  Universal Relay Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9901 Datasheet(HTML) 1 Page - Microchip Technology

  HV9901 Datasheet HTML 1Page - Microchip Technology HV9901 Datasheet HTML 2Page - Microchip Technology HV9901 Datasheet HTML 3Page - Microchip Technology HV9901 Datasheet HTML 4Page - Microchip Technology HV9901 Datasheet HTML 5Page - Microchip Technology HV9901 Datasheet HTML 6Page - Microchip Technology HV9901 Datasheet HTML 7Page - Microchip Technology HV9901 Datasheet HTML 8Page - Microchip Technology HV9901 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005550A-page 1
Features
• 10V to 450V Input Voltage Range
• Energy-saving Hold Current Mode
• Adjustable Microcontroller Supply
• Low Supply Current <1 mA
• Constant-current Coil Drive
• Programmable Pull-in Current, Pull-in Time and
Hold Current
Applications
• Industrial Controls
• Relay Timers
• Solenoid Drivers
• Home Automation
General Description
The HV9901 universal relay driver provides high-effi-
ciency driving for low-voltage relays with supply volt-
ages as high as 450V. For example, a relay with a 5V
coil can be driven directly from the rectified 120 VAC or
230 VAC line.
The IC includes two high-voltage linear regulators. The
first one is for providing power to internal control cir-
cuitry. The second one has an adjustable output volt-
age and a 1 mA output current capability to support
external circuitry, such as a microcontroller control cir-
cuit.
The pull-in current, pull-in time and hold current for the
relay are individually programmable through two resis-
tors and a capacitor. PWM switching can be synchro-
nized with an external clock or with another HV9901
operating at a higher frequency.
The relay is operated through the enable input ENI.
Logic polarity is under control of the polarity input POL.
Audible noise coming from the relay can be sup-
pressed by operating at a PWM frequency exceeding
20 kHz.
Package Type
1
16
4
16-lead SOIC
See Table 2-1 for pin information.
WARNING
The HV9901 is suited for relay driving applications operating at hazardous voltage. Ensure that adequate
safeguards are provided to protect the end user from electrical shock.
HV9901
Universal Relay Driver


Similar Part No. - HV9901

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901 SUTEX-HV9901 Datasheet
75Kb / 6P
Universal Relay Driver
HV9901 SUTEX-HV9901 Datasheet
580Kb / 7P
Universal Relay Driver
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
Universal Relay Driver
HV9901NG SUTEX-HV9901NG Datasheet
75Kb / 6P
Universal Relay Driver
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
Universal Relay Driver
More results

Similar Description - HV9901

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3545 NJRC-NJM3545 Datasheet
124Kb / 9P
UNIVERSAL SINK DRIVER
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
UNIVERSAL SOURCE DRIVER
logo
NXP Semiconductors
NE5090 PHILIPS-NE5090 Datasheet
93Kb / 6P
Addressable relay driver
August 31, 1994
logo
STMicroelectronics
74ACT8244 STMICROELECTRONICS-74ACT8244 Datasheet
168Kb / 7P
RELAY DRIVER IC
Jun-2001
logo
Supertex, Inc
HV9901 SUTEX-HV9901 Datasheet
75Kb / 6P
Universal Relay Driver
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
Universal Relay Driver
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
Universal Relay Driver
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
Universal LED Driver
logo
Littelfuse
SCR LITTELFUSE-SCR Datasheet
515Kb / 2P
Universal Lamp Alarm Relay
2016 Rev: 1-A-062316
SCR9L LITTELFUSE-SCR9L Datasheet
369Kb / 2P
Universal Lamp Alarm Relay
2016 Rev: 1-A-062316
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com