Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 27 Page - Integrated Device Technology

Part # SAP51D-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP51D-A-G1-R Datasheet(HTML) 27 Page - Integrated Device Technology

Back Button SAP51D-A-G1-R Datasheet HTML 23Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 24Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 25Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 26Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 27Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 28Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 29Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 30Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 31Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
27
January 28, 2016
5.1.2.
Input Impedance (AS-Interface Bus Load)
Table 5.2
AS-Interface Bus Load Properties
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNIT
Equivalent resistor of the SAP5
1), 2)
RIN1
13.5
k
Ω
Equivalent inductor of the SAP5
1), 2)
LIN1
13.5
mH
Equivalent capacitor of the SAP5
1), 2)
CIN1
30
pF
Equivalent resistor of the SAP5
1), 2)
RIN2
13.5
k
Ω
Equivalent inductor of the SAP5
1), 2)
LIN2
12
13.5
mH
Equivalent capacitor of the SAP5
1), 2)
CIN2
15 + (L-12mH)
∗10pF/mH
pF
Parasitic capacitance of the external
over-voltage protection diode (Zener
diode)
1)
CZener
20
pF
1)
The equivalent circuit of a slave, which is calculated from the impedance of the SAP5 and the parallel external over-voltage
protection diode (Zener diode), must satisfy the requirements of the AS-Interface Complete Specification for Extended Address
Mode slaves.
2)
After the maximum parasitic capacitance of the external over-voltage protection diode (20pF) has been subtracted, the specifications
group including RIN1, LIN1 and CIN1 or the specifications group including RIN2, LIN2 and CIN2 must be met for compliance with the
AS-Interface Complete Specification V3.0.
Table 5.3
CDC Pin Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
Typical
MAX
UNIT
Input voltage range
VCDC_IN
-0.3
VU5R
V
External decoupling capacitor
CCDC
100
nF
Note: A decoupling capacitor defines the internal low-pass filter time constant; lower values decrease the impedance but improve the
turn-on time. Higher values do not improve the impedance but do increase the turn-on time. The turn-on time also depends on the load
capacitor at UOUT. After connecting the slave to the power, the capacitor is charged with the maximum current IUOUT. The impedance will
increase when the voltage allows the analog circuitry to fully operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com