Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 32 Page - Integrated Device Technology

Part # SAP51D-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP51D-A-G1-R Datasheet(HTML) 32 Page - Integrated Device Technology

Back Button SAP51D-A-G1-R Datasheet HTML 28Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 29Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 30Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 31Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 32Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 33Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 34Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 35Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 36Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
32
January 28, 2016
5.8.
Data Port and DSTBn
5.8.1.
Timing of Data I/O and DSTBn
Every data pin (D0 to D3) contains an NMOS open-drain output driver as well as a high-voltage, high-impedance
input stage. Received output data is stored in the Data Output Register and subsequently forwarded to the data
pins. A specific time (tDI-latch) after new output data has been written to the port the input data is sampled.
The availability of new output data is signaled by the Data Strobe (DSTBn) signal as shown in Figure 5.3. The
DSTBn pin has an additional reset input function, which is described further in section 5.13.
Any SAP5 reset sets the Data Output Register to FHEX and forces the data output drivers to the high-impedance
state. Simultaneously, a Data Strobe is generated with the same tsetup timing and tDSTBn pulse width as would be
used to drive new output data.
Table 5.10 Timing for Data Port Outputs
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNIT
Output data is valid after DSTBn high/low edge
tSTB
0.0
1.5
µs
Output driver is at high impedance state after DSTBn low/high
1)
thold
0.2
1.0
µs
Pulse width of Data Strobe (DSTBn)
2)
tDSTBn
6.0
6.8
µs
Acceptance of input data
3)
tDI-latch
10.5
12.5
µs
1)
Parameter is only valid if the respective data port is configured as an I/O pin.
2)
The timing of the resulting voltage signal also depends on the external pull-up resistor.
3)
The input data must be stable within the period defined by minimum and maximum values of tDI-latch.
5.8.2.
Input Data Pre-Processing
Figure 5.3
Timing Diagram for Data Port D[3:0] and DSTBn
DSTBn
Data port output data
D[3:0]
tDI-latch
tDSTBn
tSTB
Keep stable
Data port input data
thold
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com