Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 1 Page - Integrated Device Technology

Part # SAP51D-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP51D-A-G1-R Datasheet(HTML) 1 Page - Integrated Device Technology

  SAP51D-A-G1-R Datasheet HTML 1Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 2Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 3Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 4Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 5Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 6Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 7Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 8Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
AS-Interface Spec. V3.0
Compliant Universal AS-i IC
SAP51 / SAP5S
Datasheet
© 2016 Integrated Device Technology, Inc.
1
January 28, 2016
Brief Description
The SAP5S/SAP51 is a next-generation CMOS inte-
grated circuit for AS-Interface networks. This low-
level field bus AS-i (Actuator Sensor Interface) was
designed for easy, safe, and cost-effective inter-
connection of sensors, actuators, and switches. It
transports both power and data over the same two-
wire unshielded cable.
The SAP5S/SAP51 is used as part of a master or
slave node and functions as an interface to the
physical bus. It provides the power supply, physical
data transfer, and communication protocol handling.
The SAP5S/SAP51 is fully compliant with the
AS-Interface Complete Specification V3.0. It is func-
tion and pin compatible with the SAP4.1 (AS2702).
The SAP5S/SAP51 can be programmed by the user
to operate in Standard Slave Mode, Safety Mode
(SAP5S only), or Master Mode. The special AS-i
Safety Mode (SAP5S only) assures short response
times regarding security-related events.
All configuration data are stored in an internal
EEPROM that can be easily programmed by a sta-
tionary or handheld programming device.
The SAP5S/SAP51 is optimized for harsh environ-
ments by its special burst protection circuitry and
excellent electromagnetic compatibility.
Features
• Compliant with the AS-Interface Complete
Specification V3.0
• Universal application: slaves, masters, repeaters
• Integrated safety code generator (SAP5S only)
• On-chip electronic inductor: 55mA current
drive capability
• Two LED outputs to support all AS-Interface
Complete Specification V3.0 status indication
modes
• User programmable to operation in Standard
Slave Mode, Safety Mode, or Master Mode
• Supports 5.33 and 16 MHz crystals by
automatic frequency detection
• Data pre-processing functions
• Clock and communication watchdogs
for high system security
Benefits
• Cost savings due to integrated Safety Code
Generator (SAP5S only)
• Special burst protection circuitry
• Excellent electromagnetic compatibility
Physical Characteristics
• Operational temperature range: -25 to +85°C
• SOP16 and SOP20 package
Available Support
• IDT AS-Interface Programmer Kit USB
• IDT SAP5 Evaluation Board V2.0
Related Products
• ASI4U Universal AS-Interface IC
SAP5S/SAP51 Basic Application Circuits
+24V
+0V
ASI+
ASI-
ASI+
ASI-
SAP5S
U5R
CDC
LTPN
LTGP
OSC2
OSC1
UOUT
D2
D0
D1
D3
Standard Application
Safety Mode Slave Application
SAP51/
SAP5S
U5R
CDC
LTPN
LTGP
OSC2
OSC1
UOUT
DSTBn
LED2
LED1
PSTBn
P[3:0]
D[3:0]
PFAULT


Similar Part No. - SAP51D-A-G1-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAP51D-A-G1-R ETC2-SAP51D-A-G1-R Datasheet
657Kb / 63P
Universal Actuator-Sensor Interface IC
logo
Zentrum Mikroelektronik...
SAP51D-A-G1-R ZMD-SAP51D-A-G1-R Datasheet
699Kb / 62P
Universal Actuator-Sensor Interface IC
Rev. 3.1 / July 2012
logo
Renesas Technology Corp
SAP51D-A-G1-R RENESAS-SAP51D-A-G1-R Datasheet
1,007Kb / 67P
AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 28, 2016
More results

Similar Description - SAP51D-A-G1-R

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2701A AMSCO-AS2701A Datasheet
180Kb / 16P
AS-Interface Slave IC
AS2702 AMSCO-AS2702 Datasheet
119Kb / 18P
AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
SAP5S ZMD-SAP5S Datasheet
87Kb / 2P
Spec. 3.0 Compatible universal as-i IC
SAP51 ZMD-SAP51 Datasheet
140Kb / 2P
Spec. 3.0 Compatible universal as-i IC
A2SI-E ZMD-A2SI-E Datasheet
132Kb / 2P
Advanced AS-Interface IC
A2SI-L14-ST ZMD-A2SI-L14-ST Datasheet
136Kb / 2P
Low End Device AS-Interface IC
logo
ams AG
AS2702 AMSCO-AS2702_1 Datasheet
140Kb / 13P
AS-Interface Slave IC
logo
List of Unclassifed Man...
ASI4U ETC2-ASI4U_12 Datasheet
735Kb / 64P
3.0 Compliant Universal AS-I IC
logo
Integrated Device Techn...
ASI4U IDT-ASI4U Datasheet
1Mb / 70P
AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
Renesas Technology Corp
ASI4U RENESAS-ASI4U Datasheet
1Mb / 71P
AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 26, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com