Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 42 Page - Integrated Device Technology

Part # SAP51D-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP51D-A-G1-R Datasheet(HTML) 42 Page - Integrated Device Technology

Back Button SAP51D-A-G1-R Datasheet HTML 38Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 39Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 40Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 41Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 42Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 43Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 44Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 45Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 46Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
42
January 28, 2016
Table 5.18 SAP5 Initialization Times
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNIT
Initialization time after Software Reset (generated by master
calls Reset_Slave or Broadcast_Reset) or external reset via
DSTBn
1)
tINIT
2
ms
Initialization time after power on
2)
tINIT2
CUOUT
≤ 10µF
30
ms
Initialization time after power-on with high capacitive load
1)
tINIT3
CUOUT = 470µF
1000
ms
1)
Guaranteed by design.
2)
Power starts when VLTGP = 18V at the latest.
5.13.1. Power-On Reset
In order to force the SAP5 into a defined state after power-on and to avoid uncontrolled switching of the digital
logic if the 5V supply (U5R) falls below a specified minimum level, a Power-On Reset is executed under the
conditions given in Table 5.19.
Table 5.19 Power-On Reset (POR) Threshold Voltages
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNIT
VU5R voltage to trigger internal reset procedure, falling voltage
1)
VPOR1F
1.2
1.7
V
VU5R voltage to trigger initialization procedure, rising voltage
1)
VPOR1R
3.5
4.3
V
Power-On Reset pulse width
tLOW
4
6
µs
1)
Guaranteed by design.
Figure 5.5
Power-On Behavior (all modes)
LTGP
U5R
Reset
approx. 15V
tLOW
VPOR1R
VPOR1F
Note:
The Power-On Reset circuit has a threshold voltage reference. This reference matches the process
tolerance of the logic levels and therefore is not accurate. All values depend slightly on the rise and fall time of the
supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com