Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 31 Page - Integrated Device Technology

Part # SAP51D-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP51D-A-G1-R Datasheet(HTML) 31 Page - Integrated Device Technology

Back Button SAP51D-A-G1-R Datasheet HTML 27Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 28Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 29Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 30Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 31Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 32Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 33Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 34Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 35Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
31
January 28, 2016
The availability of new parameter output data is signaled by the Parameter Strobe (PSTBn) signal as shown in
Figure 5.2.
In addition to the basic I/O function, the first parameter output event after an SAP5 reset has an additional effect.
It enables the data exchange functionality.
Any SAP5 reset sets the Parameter Output Register to FHEX and forces the parameter output drivers to the high
impedance state. Simultaneously, a Parameter Strobe is generated with the same tsetup timing and tPSTBn pulse
width as would be used to drive new output data.
Table 5.9
Timing for Parameter Ports
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNIT
Output data is valid after PSTBn high-low edge
tSTB
0.0
1.5
µs
Pulse width of Parameter Strobe (PSTBn)
1)
tPSTBn
6.0
6.8
µs
Acceptance of input data
2)
tPI-latch
10.5
12.5
µs
Parameter Port is at high impedance state after PSTBn
high-low edge
3)
tP-off
56.0
64.5
µs
1)
The timing of the resulting voltage signal also depends on the external pull up resistor.
2)
The parameter input data must be stable within the period defined by min. and max. values of tPI-latch.
3)
Concerns the IO configuration “7” only (see Table 5.14).
Figure 5.2
Timing Diagram for Parameter Port P[3:0], PSTBn
PSTBn
Parameter port output data
Parameter input value (PIx) = Parameter output value (POx) (wired AND with external signal
source value)
Keep stable
min
max
P[3:0]
tPI-latch
tPSTBn
tP-off
tSTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com