Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 45 Page - Integrated Device Technology

Part # SAP51D-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP51D-A-G1-R Datasheet(HTML) 45 Page - Integrated Device Technology

Back Button SAP51D-A-G1-R Datasheet HTML 41Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 42Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 43Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 44Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 45Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 46Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 47Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 48Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 49Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
45
January 28, 2016
If one or more of these errors occurs, the received telegram is treated as invalid. In this case, the UART will not
generate a Receive Strobe signal. It moves to asynchronous state and waits for a pause at the AS-i line input.
After a pause has been detected, the UART is ready to receive the next telegram.
Receive Strobe signals are generally used to validate the correctness of the received data. A Receive Strobe
starts the internal processing of a master request. If the UART was in asynchronous state before the signal was
generated, it transforms to synchronous state afterwards. If the received slave address matches the stored
address of the SAP5, the transmitter is turned on by the Receive Strobe pulse, allowing the output driver to settle
smoothly at the operation point (avoiding false pulses at the AS-i line).
5.15. Main State Machine
The Main State Machine controls the overall behavior of the SAP5. Depending on the configuration data stored in
the EEPROM, the State Machine activates one of the different SAP5 operational modes and controls the digital
I/O ports accordingly. In Slave Mode, it processes the received master telegrams and computes the contents of
the slave answer if required. Table 3.2 lists all master calls that are decoded by the SAP5 in Slave Mode. To
prevent the critical situation in which the SAP5 becomes locked in a prohibited state (e.g., due to exposure to
strong electromagnetic radiation), which could jeopardize the entire system, all prohibited states of the state
machine will lead to an unconditioned logic reset which is comparable to the AS-i call Reset_Slave (RES).
5.16. Status Registers
Table 5.21 shows the SAP5 status register content. The use of status bits S0, S1, and S3 is compliant with the
AS-Interface Complete Specification. Status bit S2 is not used. The status register content can be determined by
use of a Read_Status (RDST) master request (refer to Table 3.2).
Table 5.21 Status Register Content
Status Register Bit
Sx = 0
Sx = 1
S0
EEPROM write accessible
Stored slave address volatile and/or EEPROM
access blocked (write in progress)
1)
S1
No Periphery Fault detected; EEPROM
Firmware Area and Safety Area content
consistent
Periphery fault detected; parity bit error in
EEPROM Firmware Area or Safety Area
S2
Static zero
N/A
S3
EEPROM content consistent
2)
EEPROM contains corrupted data
2)
1)
Status bit S0 is set to ‘1’ as soon as a DELA master request was received and the slave address was not equal to “0” before the
request. It is also set for the entire duration of each EEPROM write access.
2)
See section 4.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com