Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-B-G1-R Datasheet(PDF) 21 Page - Integrated Device Technology

Part # SAP5SD-B-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-B-G1-R Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button SAP5SD-B-G1-R Datasheet HTML 17Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 18Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 19Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 20Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 21Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 22Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 23Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 24Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
21
January 28, 2016
4.2.
User Area Programming
User Area data can be written by an ADRA or WID1 master request (see Table 3.2). Any such write access is
accompanied by two write steps to the Security_Flag, one before and one after the actual modification of user
data.
1.
The following procedure is executed when writing to the User Area of the EEPROM:
2.
The Security_Flag is programmed to ‘1’.
3.
The content of the Security_Flag is read back, verifying it was programmed to ‘1’.
4.
The user data is modified.
5.
A read back of the written data is performed.
6.
If the read back has proven the successful programming of the user data, the Security_Flag is
programmed back to ‘0’.
7.
The content of the Security_Flag is read back, verifying it was programmed to ‘0’.
Successful execution of the EEPROM write procedure can be observed in the status register contents (refer to
Table 5.21). If bit S0 is set (logic HIGH), the write process is not finished yet and the programming data is still
volatile. If bit S3 (which is the Security_Flag) is set, the write procedure did not successfully complete either
because the write cycle was interrupted or due to an internal error. In order to program the data correctly, the
write request should be repeated. The status register can be read using the AS-i master call Read_Status
(RDST).
In addition to a read out of the data areas, the Security_Flag of the EEPROM is also read and evaluated during
SAP5 initialization. If the value of the Security_Flag equals ‘1’ (e.g., due to an undesired interruption of a User
Area write access), the entire User Area data is treated as corrupted (see section 5.16). The SAP5 returns to
Slave Address “0” and the ID_Code as well as the IO_Code are set to FHEX. As a result, the programming of the
User Area data can be repeated.
Table 4.2
SAP5 EEPROM – User and Firmware Area Content
Internal
EEPROM
Address
Bit Position
EEPROM Cell Contents
Description
User Area
0
4 to 0
A [4:0]
Slave address
1
2 to 0
ID1_Bit [2:0]
ID_Code_Extension_1 (user-configurable)
3
ID1_Bit3
ID_Code_Extension_1, A/B slave selection in Extended
Address Mode
4
Not implemented
2
3 to 0
ID1_Bit [3:0]
ID_Code_Extension_1 (manufacturer-configurable)
4
Not implemented
3
4 to 0
Not implemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com