Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-B-G1-R Datasheet(PDF) 14 Page - Integrated Device Technology

Part # SAP5SD-B-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-B-G1-R Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button SAP5SD-B-G1-R Datasheet HTML 10Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 11Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 12Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 13Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 14Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 15Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 16Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 17Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
14
January 28, 2016
Figure 3.2 shows the different data path configurations.
Figure 3.2
Data Path in Master and Repeater Modes
Master Mode
Slave Mode, AS-i Channel
More detailed signal descriptions can be found in sections 5.19 and 5.14.
3.2.1.
Slave Mode
The Slave Mode is the most complex operational mode of the SAP5. The SAP5 supports not only all mandatory
AS-i slave functions but also a variety of additional features that facilitate the design of AS-i slave modules.
3.2.2.
AS-i Communication Channel
The AS-i channel is directly connected to the AS-i bus via the pins LTGP and LTGN. A receiver and a transmitter
unit are connected in parallel to the pins, which allows fully bi-directional communication through LTGP and
LTGN.
3.2.3.
Parameter Port Pins
In the 20-pin package, the SAP5 features a 4-bit wide parameter port (P0, P1, P2, and P3 pins) and a related
parameter strobe signal pin PSTBn. AS-Interface Complete Specification V3.0 newly defines a bidirectional mode
for parameter data. The SAP5 supports this feature, which can be activated by special EEPROM setting
(IO_Code, see section 5.9).
There is a defined phase relation between a parameter output event, the parameter input sampling, and the
activation of the PSTBn signal. Therefore it can be used to trigger external logic or a microcontroller to process
the received parameter data or to provide new input data for the AS-i slave response.
See section 5.7 for further details.
3.2.4.
Data Port Pins
The SAP5 provides a 4-bit wide data port. The outputs work independently from each other allowing a maximum
of 4 output devices to be connected to the SAP5. The directions of the Data Port pins are set through the
IO_Code, see section 5.9.
AS-i Receiver
AS-i Transmitter
CMOS Input
LED Output
UART
ASI+
ASI-
D0
(TX)
LED1
(RX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com