Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-B-G1-R Datasheet(PDF) 36 Page - Integrated Device Technology

Part # SAP5SD-B-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-B-G1-R Datasheet(HTML) 36 Page - Integrated Device Technology

Back Button SAP5SD-B-G1-R Datasheet HTML 32Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 33Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 34Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 35Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 36Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 37Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 38Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 39Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 40Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
36
January 28, 2016
When running in Synchronous Data I/O Mode, the SAP5 also generates the Data Strobe (DSTBn) signal;
whereas the timing of input sampling and output buffering corresponds exactly to the standard operation (refer to
Figure 5.3 and Table 5.10).
5.8.4.
Support of 4I/4O Signaling in Extended Address Mode
In Extended Address Mode, the information bit I3 of the AS-i master telegram is used to distinguish between A
and B slaves that operate in parallel at the same AS-i slave address. For more detailed information, refer to the
AS-Interface Complete Specification V3.0.
In addition to the benefit of an increased address range, the cycle time per slave is increased in Extended
Address Mode from 5ms to 10ms and the useable output data is reduced from 4 to 3 bits. Because of the reduced
data bits, Extended Address Mode slaves can usually control a maximum of only 3 data outputs. The input data
transmission is not affected since the slave response still carries 4 data information bits in Extended Address
Mode.
Additionally, the SAP5 supports applications that require 4-bit wide output data in Extended Address Mode if the
application can tolerate further increased cycle times (e.g., push buttons and pilot lights). Such applications must
be directly characterized by a new Slave Profile 7.A.x.7, which is defined in the AS-Interface Complete Specifi-
cation (see section 9).
If the SAP5 is operated in Extended Address Mode and the Ext_Addr_4I/4O_Mode flag is set (= ‘1’) in the
EEPROM (refer to Table 4.2), it treats information bit I2 as the selector for two 2-bit wide data output banks:
• Bank_1 = D0/D1
• Bank_2 = D2/D3.
A master must consecutively transmit data to Bank_1 and Bank_2, toggling the information bit I2 in the respective
master calls. However, the SAP5 triggers a data output event (modification of the Data Output Ports and
generation of Data Strobe) as follows (see Table 5.13):
• If the Parallel_Out_4I/4O flag is set (= ‘1’) in the EEPROM (refer to Table 4.2), the SAP5 triggers a data
output event only if information bit I2 is equal to ‘0,’ in which case, new output data is issued at the Data
Port synchronously for both banks at the same time.
• If the Parallel_Out_4I/4O flag is not set (= ‘0’), the SAP5 triggers a data output event at every cycle.
However, depending on the information bit I2, only one bank of the Data Port gets refreshed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com