Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-B-G1-R Datasheet(PDF) 23 Page - Integrated Device Technology

Part # SAP5SD-B-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-B-G1-R Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button SAP5SD-B-G1-R Datasheet HTML 19Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 20Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 21Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 22Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 23Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 24Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 25Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 26Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 27Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
23
January 28, 2016
4.3.
Firmware Area Programming
In order to program one of the 5-bit cells in addresses 4 to 8 in the Firmware Area, a special master call according
to Table 4.3 must be applied, followed immediately by a DEXG or WPAR call. Write access to the Firmware Area
is possible as long as the Lock_EE_PRG flag is not set. The write procedure is started after receipt of the
DEXG/WPAR call. Completion of the write procedure can be observed at the status register S0 as described in
section 4.2.
The analog circuitry trim information (address 9 to 11) can be written by special test mode operation only.
It is not possible to read out the EEPROM data directly. However, AS-i-related configuration data such as
ID_Code can be read by the respective Read_ID_Code (RDID) master request.
Table 4.3
SAP5 EEPROM – User and Firmware Area Programming
Note: See table notes at the end of the table.
Internal
EEPROM
Address
EEPROM Cell Content
Programming Master Calls
User Area
0
A[4:0]
ADRA master call
1
ID1_Bit [3:0]
WID1 master call
2
ID1_Bit [3:0]
3
Not implemented
Firmware Area
4
Synchronous_Data_IO
I4
Set ID Code (RDIO) master call
1) + DEXG/WPAR master call 2)
ID_Bit [3:0]
I3 to I0
5
Inhibit_Write_ID1
I4
Set ID Code 2 (RID1) master call
1) + DEXG/WPAR master call 2)
ID2_Bit [3:0]
I3 to I0
6
P1_Delay_Activation
I4
Set IO Config (RDID) master call
1) + DEXG/WPAR master call 2)
IO_Bit [3:0]
I3 to I0
7
Lock_EE_PRG
I4
Set Control Code (RID2 ) master call
1) + DEXG/WPAR master call 2)
Delay_Mode
I3
Invert_Data_In
I2
Inhibit_BR01
I1
Inhibit_Watchdog
I0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com