Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-B-G1-R Datasheet(PDF) 41 Page - Integrated Device Technology

Part # SAP5SD-B-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-B-G1-R Datasheet(HTML) 41 Page - Integrated Device Technology

Back Button SAP5SD-B-G1-R Datasheet HTML 37Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 38Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 39Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 40Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 41Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 42Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 43Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 44Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 45Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
41
January 28, 2016
5.11.2. Master/Repeater Mode
In the Master/Repeater Mode, LED1 provides the Manchester-II-coded, re-synchronized equivalent of the tele-
gram signal received at the AS-i input channel.
Every AS-i telegram received is checked for consistency with the protocol specifications, and timing jitters are
removed if they stay within the specified limits. If a telegram error is detected, the output becomes inactive for a
certain time period; see section 5.19.3 for details.
LED2 is always logic HIGH (high impedance) in Master/Repeater. In such applications, the green LED must be
connected to the UOUT pin or different supply levels.
5.12. Oscillator Pins OSC1 and OSC2
Table 5.17 Oscillator Pin Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
VOSC_IN
-0.3
VU5R
V
External parasitic capacitor at oscillator
pins OSC1, OSC2
COSC
0
8
pF
Dedicated load capacity
CLOAD
12
pF
Input ”low” voltage for external clock
applied to OSC1
VIL
0
1.5
V
Input ”high” voltage for external clock
applied to OSC1
VIH
3.5
VU5R
V
The oscillator supports direct connection of 5.33MHz or 16.000MHz crystals with a dedicated load capacity of
12pF and parasitic pin capacities of up to 8pF. The SAP5 automatically detects the oscillation frequency of the
connected crystal and controls the internal clock generator circuit accordingly. The oscillator unit also contains a
Clock Watchdog circuit that can generate an unconditioned SAP5 reset if there has been no clock oscillation for
more than about 20µs. This is to prevent the SAP5 from unpredictable behavior if the clock signal is no longer
available.
5.13. SAP5 Reset
Any SAP5 reset sets the Data Output and Parameter Output Registers to FHEX and forces the corresponding
output drivers to the high impedance state. Except on Power-On Reset, the Data Strobe (DSTBn) and Parameter
Strobe (PSTBn) signals are simultaneously generated to indicate possibly changed output data to external
circuitry.
The Data_Exchange_Disable flag is set during an SAP5 reset, prohibiting any Data Port activity immediately after
SAP5 initialization and as long as the external circuitry was not pre-conditioned by valid parameter output data.
Consequently the AS-i master must send a Write_Parameter call in advance of the first Data_Exchange request
to an initialized slave. The SAP5 initialization times are given in Table 5.18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com