Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-B-G1-R Datasheet(PDF) 60 Page - Integrated Device Technology

Part # SAP5SD-B-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-B-G1-R Datasheet(HTML) 60 Page - Integrated Device Technology

Back Button SAP5SD-B-G1-R Datasheet HTML 56Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 57Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 58Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 59Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 60Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 61Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 62Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 63Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 64Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
60
January 28, 2016
7
Package Specifications
7.1. Package Pin Assignment
Table 7.1
SAP51/SAP5S Package Pin List
SOP 20 Pin
SOP 16 pin
Name
Direction
Type
Description
1
-
P1
I/O
Pull-up / open-drain (*)
Parameter Port P1 /
Data Input Port 1 if IO_config = 7
2
-
P0
I/O
Pull-up / open-drain (*)
Parameter Port P0 /
Data Input Port 0 if IO_config = 7
3
1
D1
I/O
Pull-up / open-drain
Data Port D2
4
2
D0
I/O
Pull-up / open-drain
Data Port D0
5
3
DSTBn
I/O
Pull-up / open-drain
Data Strobe Output / Reset Input
6
4
LED1
OUT
Open-drain
LED 1 Status Indication
7
5
OSC2
OUT
Analog (5V)
Crystal Oscillator
8
6
OSC1
IN
Analog / CMOS (5V)
Crystal Oscillator /
External Clock Input
9
7
U5R
OUT
Analog
Regulated 5V Power Supply
10
8
LTGN
IN
Analog / Supply
AS-i Transmitter/Receiver Output;
to be connected to ASi-
11
9
LTGP
IN
Analog / Supply
AS-i Transmitter/Receiver Input;
to be connected to ASi+ via reverse
polarity protection diode
12
10
CDC
OUT
Analog
External Buffer Capacitor
13
11
UOUT
OUT
Analog
Decoupled Actuator/Sensor
Power Supply
14
12
PFAULT
IN
Pull-up
Periphery Fault Input
(Low = Periphery Fault)
15
13
LED2
OUT
Open drain
LED 2 Status Indication
16
14
PSTBn
I/O
Pull-up / open-drain
Parameter Strobe Output
17
15
D3
I/O
Pull-up / open-drain
Data Port D3
18
16
D2
I/O
Pull-up / open-drain
Data Port D2
19
-
P3
I/O
Pull-up / open-drain (*)
Parameter Port P3 /
Data Input Port 3 if IO_config = 7
20
-
P2
I/O
Pull-up / open-drain (*)
Parameter Port P2 /
Data Input Port 2 if IO_config = 7
(*) The pull-up current source on these parameter ports is switched off if the slave device is programmed with I/O configuration code 7
and a DEXG master call is processed.
All open-drain outputs are NMOS-based. Pull-up properties at input stages are achieved by current sources
referenced to U5R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com