Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3477 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3477
Description  High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3477 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3477 Datasheet HTML 1Page - National Semiconductor (TI) LM3477 Datasheet HTML 2Page - National Semiconductor (TI) LM3477 Datasheet HTML 3Page - National Semiconductor (TI) LM3477 Datasheet HTML 4Page - National Semiconductor (TI) LM3477 Datasheet HTML 5Page - National Semiconductor (TI) LM3477 Datasheet HTML 6Page - National Semiconductor (TI) LM3477 Datasheet HTML 7Page - National Semiconductor (TI) LM3477 Datasheet HTML 8Page - National Semiconductor (TI) LM3477 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
36V
Peak Driver Output Current (<10µs)
1.0A
CB Pin Voltage (Note 2)
43V
I
SEN Pin Voltage
500mV
Power Dissipation
Internally Limited
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature
+150˚C
ESD Susceptibilty (Note 3)
Human Body Model
Machine Model
2kV
200V
Lead Temperature for MSOP Package
Vapor Phase (60 sec.)
Infared (15 sec.)
215˚C
220˚C
Operating Ratings (Note 1)
Supply Voltage
2.97V
≤ V
IN
≤ 35V
Junction
Temperature Range
−40˚C
≤ T
J
≤ +125˚C
Electrical Characteristics (Note 4)
Specifications in Standard type face are for T
J = 25˚C, and in bold type face apply over the full Operating Temperature
Range. Unless otherwise specified, V
IN = 12V.
Symbol
Parameter
Conditions
Typical
Limit
Units
V
FB
Feedback Voltage
V
COMP = 1.4V,
2.97V
≤ V
IN
≤ 36V
1.270
1.260/1.252
1.288/1.290
V
V(min)
V(max)
∆V
LINE
Feedback Voltage Line
Regulation
2.97V
≤ V
IN
≤ 36V
0.001
%/V
∆V
LOAD
Output Voltage Load Regulation
±0.5
%/V (max)
V
UVLO
Input Undervoltage Lock-out
2.87
2.97
V
V(max)
V
UV(HYS)
Input Undervoltage Lock-out
Hysteresis
180
130
225
mV
mV (min)
mV (max)
F
SW
Switching Frequency
500
435
575
kHz
kHz(min)
kHz(max)
R
DS1 (ON)
Driver Switch On Resistance
(top)
I
DR = 0.2A, VIN=5V
7
Ω
R
DS2 (ON)
Driver Switch On Resistance
(bottom)
I
DR = 0.2A
4
Ω
(V
CB−VSW)max
Maximum Boot Voltage
V
IN < 7.2V
V
IN
V
V
IN
≥ 7.2V
7.2
D
max
Maximum Duty Cycle
93
88
%
%(min)
T
min (on)
Minimum On Time
330
230
495
nsec
nsec(min)
nsec(max)
I
SUPPLY
Supply Current (switching)
(Note 5)
2.0
3.0
mA
mA (max)
I
Q
Quiescent Current in Shutdown
Mode
(Note 6), V
IN =5V
5
8
µA
µA (max)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com