Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3477 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3477
Description  High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3477 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3477 Datasheet HTML 1Page - National Semiconductor (TI) LM3477 Datasheet HTML 2Page - National Semiconductor (TI) LM3477 Datasheet HTML 3Page - National Semiconductor (TI) LM3477 Datasheet HTML 4Page - National Semiconductor (TI) LM3477 Datasheet HTML 5Page - National Semiconductor (TI) LM3477 Datasheet HTML 6Page - National Semiconductor (TI) LM3477 Datasheet HTML 7Page - National Semiconductor (TI) LM3477 Datasheet HTML 8Page - National Semiconductor (TI) LM3477 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical Characteristics (Note 4) (Continued)
Specifications in Standard type face are for T
J = 25˚C, and in bold type face apply over the full Operating Temperature
Range. Unless otherwise specified, V
IN = 12V.
Symbol
Parameter
Conditions
Typical
Limit
Units
V
CL(O)
Current Limit Voltage at 0% Duty
Cycle
LM3477
155
130/125
185/190
mV
mV (min)
mV (max)
LM3477A
165
140/135
195/200
mV
mV (min)
mV (max)
V
CL(100)
Current Limit Voltage at 100%
Duty Cycle
LM3477
74
50/43
98/98
mV
mV (min)
mV (max)
LM3477A
65
41/25
89/98
mV
mV (min)
mV (max)
V
SC
Short-Circuit Current Limit Sense
Voltage
V
IN = 5V, LM3477
350
270
420
mV
mV (min)
mV (max)
V
IN = 5V, LM3477A
310
260
380
mV
mV (min)
mV (max)
V
SL
Internal Compensation Ramp
Voltage Height
V
IN = 5V, LM3477
83
mV
V
IN = 5V, LM3477A
103
V
OVP
Output Over-voltage Protection
(with respect to feedback
voltage) (Note 7)
V
COMP = 1.4V
50
32/25
78/85
mV
mV(min)
mV(max)
V
OVP(HYS)
Output Over-Voltage Protection
Hysteresis(Note 7)
V
COMP = 1.4V
60
20
110
mV
mV(min)
mV(max)
Gm
Error Amplifier
Transconductance
V
COMP = 1.4V
I
EAO = 100µA
(Source/Sink)
750
600/365
1000/1265
µmho
µmho (min)
µmho (max)
A
VOL
Error Amplifier Voltage Gain
V
COMP = 1.4V
I
EAO = 100µA
(Source/Sink)
38
30
42
V/V
V/V (min)
V/V (max)
I
EAO
Error Amplifier Output Current
(Source/ Sink)
Source, V
COMP = 1.4V,
V
FB =0V
100
75/50
130/160
µA
µA (min)
µA (max)
Sink, V
COMP = 1.4V, VFB
= 1.4V
−140
−110/−95
−170/−180
µA
µA (min)
µA (max)
V
EAO
Error Amplifier Output Voltage
Swing
Upper Limit
V
FB =0V
COMP Pin = Floating
2.2
2.0
2.35
V
V(min)
V(max)
Lower Limit
V
FB = 1.4V
0.75
0.5
0.95
V
V(min)
V(max)
T
SS
Internal Soft-Start Delay
V
FB = 1.2V, VCOMP =
Floating
5
msec
T
r
Drive Pin Rise Time
C
GS = 3000pF, VDR =0
to 3V
25
ns
T
f
Drive Pin Fall Time
C
GS = 3000pF, VDR =0
to 3V
25
ns
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com