Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3477 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3477
Description  High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3477 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3477 Datasheet HTML 1Page - National Semiconductor (TI) LM3477 Datasheet HTML 2Page - National Semiconductor (TI) LM3477 Datasheet HTML 3Page - National Semiconductor (TI) LM3477 Datasheet HTML 4Page - National Semiconductor (TI) LM3477 Datasheet HTML 5Page - National Semiconductor (TI) LM3477 Datasheet HTML 6Page - National Semiconductor (TI) LM3477 Datasheet HTML 7Page - National Semiconductor (TI) LM3477 Datasheet HTML 8Page - National Semiconductor (TI) LM3477 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM3477/LM3477A
High Efficiency High-Side N-Channel Controller for
Switching Regulator
General Description
The LM3477/A is a high-side N-channel MOSFET switching
regulator controller. It can be used in topologies requiring a
high side MOSFET such as buck, inverting (buck-boost) and
zeta regulators. The LM3477/A’s internal push pull driver
allows compatibility with a wide range of MOSFETs. This, the
wide input voltage range, use of discrete power components
and adjustable current limit allows the LM3477/A to be opti-
mized for a wide variety of applications.
The LM3477/A uses a high switching frequency of 500kHz to
reduce the overall solution size. Current-mode control re-
quires only a single resistor and capacitor for frequency
compensation. The current mode architecture also yields
superior line and load regulation and cycle-by-cycle current
limiting. A 5µA shutdown state can be used for power sav-
ings and for power supply sequencing. Other features in-
clude internal soft-start and output over voltage protection.
The internal soft-start reduces inrush current. Over voltage
protection is a safety feature to ensure that the output volt-
age stays within regulation.
The LM3477A is similar to the LM3477. The primary differ-
ence between the two is the point at which the device
transitions into hysteretic mode. The hysteretic threshold of
the LM3477A is one-third of the LM3477.
Features
n
500kHz switching frequency
n
Adjustable current limit
n
1.5% reference
n
Thermal shutdown
n
Frequency compensation optimized with a single
capacitor and resistor
n
Internal softstart
n
Current mode operation
n
Undervoltage lockout with hysteresis
n
8-lead Mini-SO8 (MSOP-8) package
Applications
n
Local Voltage Regulation
n
Distributed Power
n
Notebook and Palmtop Computers
n
Internet Appliances
n
Printers and Office Automation
n
Battery operated Devices
n
Cable Modems
n
Battery Chargers
Hysteretic
Threshold
LM3477
) 36% of
programmed current
limit
LM3477A
) 12% of
programmed current
limit
*See Hysteretic Threshold and section for more information.
Typical Application Circuit
20003333
Typical High Efficiency Step-Down (Buck) Converter
June 2002
© 2002 National Semiconductor Corporation
DS200033
www.national.com


Similar Part No. - LM3477

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3477 TI1-LM3477 Datasheet
1Mb / 34P
High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 TI-LM3477 Datasheet
1Mb / 35P
LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 TI2-LM3477 Datasheet
1Mb / 36P
LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
REVISED MARCH 2013
LM3477A TI2-LM3477A Datasheet
1Mb / 36P
LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
REVISED MARCH 2013
LM3477AMM/NOPB TI-LM3477AMM/NOPB Datasheet
1Mb / 35P
LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
More results

Similar Description - LM3477

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
High Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3487 NSC-LM3487 Datasheet
2Mb / 22P
High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 NSC-LM3478_09 Datasheet
507Kb / 22P
High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 TI-LM3477_15 Datasheet
1Mb / 35P
LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3488 TI1-LM3488 Datasheet
1Mb / 37P
High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com