Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3477 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3477
Description  High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3477 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3477 Datasheet HTML 1Page - National Semiconductor (TI) LM3477 Datasheet HTML 2Page - National Semiconductor (TI) LM3477 Datasheet HTML 3Page - National Semiconductor (TI) LM3477 Datasheet HTML 4Page - National Semiconductor (TI) LM3477 Datasheet HTML 5Page - National Semiconductor (TI) LM3477 Datasheet HTML 6Page - National Semiconductor (TI) LM3477 Datasheet HTML 7Page - National Semiconductor (TI) LM3477 Datasheet HTML 8Page - National Semiconductor (TI) LM3477 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Electrical Characteristics (Note 4) (Continued)
Specifications in Standard type face are for T
J = 25˚C, and in bold type face apply over the full Operating Temperature
Range. Unless otherwise specified, V
IN = 12V.
Symbol
Parameter
Conditions
Typical
Limit
Units
V
SD
Shutdown Threshold (Note 8)
Output = High
1.15
1.35
V
V (max)
Output = Low
0.65
0.3
V
V (min)
I
SD
Shutdown Pin Current
V
SD =5V
−1
µA
V
SD =0V
+1
TSD
Thermal Shutdown
165
˚C
T
SH
Thermal Shutdown Hysteresis
10
˚C
θ
JA
Thermal Resistance
MM Package
200
˚C/W
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com